Electronic Components Datasheet Search
  English  ▼

X  

56F800 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
56F827EVM User Manual, Rev. 2
2-12
Freescale Semiconductor
2.9 External Interrupts
Two on-board push-button switches are provided for external interrupt generation, as shown in
Figure 2-7. S2 allows the user to generate a hardware interrupt for signal line IRQA. S3 allows
the user to generate a hardware interrupt for signal line IRQB. These two switches allow the user
to generate interrupts for his user-specific programs.
56F827
IRQA
IRQB
+3.3V
+3.3V
10K
10K
SW2
SW3
0.1µF
0.1µF
Figure 2-7. Schematic Diagram of the User Interrupt Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com