Electronic Components Datasheet Search
  English  ▼

X  

56F800 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
56F827EVM User Manual, Rev. 2
2-20
Freescale Semiconductor
2.14 SCI Port #2
A separate connector, J4, is provided to allow the easy connection of SCI Port #2 signals along
with a reference GND signal.
Table 2-10. SCI Port #2 Connector
J4
Signal Description
1
TXD2
2
RXD2
3GND
2.15 Test Points
The 56F827EVM board has a total of seven test points. Three digital GND test points are located
in corners of the board. The +5.0VA and AGND test points are located in the bottom right,
analog corner, of the board. The +2.5V and +3.3V test points are located in the upper right, power
supply section, of the board.
49
ANA8
50
ANA9
51
GND
Table 2-9. Peripheral Daughter Card Connector Description (Continued)
J2
Pin #
Signal
Pin #
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com