Electronic Components Datasheet Search
  English  ▼

X  

AD4002 Datasheet(PDF) 33 Page - Analog Devices

Part # AD4002
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD4002 Datasheet HTML 29Page - Analog Devices AD4002 Datasheet HTML 30Page - Analog Devices AD4002 Datasheet HTML 31Page - Analog Devices AD4002 Datasheet HTML 32Page - Analog Devices AD4002 Datasheet HTML 33Page - Analog Devices AD4002 Datasheet HTML 34Page - Analog Devices AD4002 Datasheet HTML 35Page - Analog Devices AD4002 Datasheet HTML 36Page - Analog Devices AD4002 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Data Sheet
AD4002/AD4006/AD4010
Rev. A | Page 33 of 39
CS MODE, 4-WIRE TURBO MODE
This mode is typically used when a single AD4002/AD4006/
AD4010 device is connected to an SPI-compatible digital host.
Turbo mode allows lower SCK frequencies by increasing the time
that the ADC conversion result can be clocked out. The AD4002
can achieve a throughput rate of 2 MSPS only when turbo mode is
enabled and using a minimum SCK frequency of 75 MHz (see the
Serial Clock Frequency Requirements section). The connection
diagram is shown in Figure 57, and the corresponding timing
diagram is shown in Figure 58.
To enable turbo mode, set the turbo mode enable field in the
configuration register to 1 (see Table 12). This mode replaces
the 4-wire with busy indicator mode when turbo mode is enabled.
The digital host must be able to write data over SDI to perform
register reads and writes (see the Register Read/Write Functionality
section). When turbo mode is enabled, the conversion result read
on SDO corresponds to the result of the previous conversion.
A rising edge on CNV initiates a conversion and forces SDO to
high impedance. CNV must be held high throughout the
conversion and data readback phase. When performing
conversions in this mode, SDI must be high during the CNV
rising edge. The user must wait tQUIET1 time after the CNV rising
edge before bringing SDI low to clock out the previous conversion
result. When the conversion is complete (after tCONV), the AD4002/
AD4006/AD4010 enter the acquisition phase and power-down.
SDI is analogous to a chip select input, and bringing SDI low
outputs the MSB of the conversion result on SDO. The remaining
data bits are clocked out on SDO by subsequent SCK falling
edges. The data is valid on both SCK edges. Although the rising
edge can capture the data, a digital host using the SCK falling
edge allows a faster reading rate, provided it has an acceptable
hold time, as dictated by tHSDO (see Table 2). The conversion result
is clocked out on SDO on the first 18 SCK falling edges. If the
status bits are enabled, they are shifted out on SDO on the 19th
through the 24th SCK falling edges (see the Status Bits section).
SDO returns to high impedance after the final SCK falling edge,
or when CNV goes high (whichever occurs first). The user must
also provide a delay of tQUIET2 between the final SCK falling edge
and the next CNV rising edge to ensure specified performance.
AD4002/
AD4006/
AD4010
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
DATA OUT
Figure 57. CS Mode, 4-Wire Turbo Mode Connection Diagram
ACQUISITION
SDO
SCK
ACQUISITION
SDI
CNV
tSSDICNV
tHSDICNV
tCYC
tSCK
tSCKL
tEN
tHSDO
12
3
16
17
18
tDSDO
tDIS
tSCKH
D17
D16
D15
D1
D0
tQUIET1
tQUIET2
tACQ
CONVERSION
tCONV
Figure 58. CS Mode, 4-Wire Turbo Mode Timing Diagram (Status Bits Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com