Electronic Components Datasheet Search
  English  ▼

X  

AD4002 Datasheet(PDF) 37 Page - Analog Devices

Part # AD4002
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD4002 Datasheet HTML 31Page - Analog Devices AD4002 Datasheet HTML 32Page - Analog Devices AD4002 Datasheet HTML 33Page - Analog Devices AD4002 Datasheet HTML 34Page - Analog Devices AD4002 Datasheet HTML 35Page - Analog Devices AD4002 Datasheet HTML 36Page - Analog Devices AD4002 Datasheet HTML 37Page - Analog Devices AD4002 Datasheet HTML 38Page - Analog Devices AD4002 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Data Sheet
AD4002/AD4006/AD4010
Rev. A | Page 37 of 39
LAYOUT GUIDELINES
The PCB that houses the AD4002/AD4006/AD4010 must be
designed so that the analog and digital sections are physically
separated, such as on opposite sides of the device as shown in
Figure 65. The pinout of the AD4002/AD4006/AD4010, with
the analog signals on the left side and the digital signals on the
right side, helps to separate the analog and digital signals.
Avoid running digital lines under the device because they
couple noise onto the die, unless a ground plane under the
AD4002/AD4006/AD4010 is used as a shield. Fast switching
signals, such as CNV or clocks, must not run near analog signal
paths. Avoid crossover of digital and analog signals.
At least one ground plane must be used. The ground plane can
be common or split between the digital and analog sections. In
the latter case, join the planes underneath the AD4002/AD4006/
AD4010 devices.
The AD4002/AD4006/AD4010 voltage reference input (REF)
has a dynamic input impedance. Decouple the REF pin with
minimal parasitic inductances by placing the reference decoupling
ceramic capacitor close to (ideally right up against) the REF and
GND pins and connect them with wide, low impedance traces.
Finally, decouple the VDD and VIO power supplies of the
AD4002/AD4006/AD4010 with ceramic capacitors, typically
0.1 μF, placed close to the AD4002/AD4006/AD4010 and
connected using short, wide traces to provide low impedance
paths and to reduce the effect of glitches on the power supply
lines.
An example of the AD4002 layout following these rules is
shown in Figure 65 and Figure 66. Note that the AD4006/
AD4010 layout is equivalent to the AD4002 layout.
EVALUATING THE AD4002/AD4006/AD4010
PERFORMANCE
Other recommended layouts for the AD4002/AD4006/AD4010
are outlined in the user guide of the evaluation board for the
AD4002 (EVAL-AD4002FMCZ). The evaluation board package
includes a fully assembled and tested evaluation board with the
AD4002, the UG-1042 user guide, and software for controlling
the board from a PC via the EVAL-SDP-CH1Z. The EVAL-
AD4002FMCZ can also be used to evaluate the AD4006 and
AD4010 by limiting the throughput to 1 MSPS and 500 kSPS,
respectively, in its software (see UG-1042).
Figure 65. Example Layout of the AD4002 (Top Layer)
Figure 66. Example Layout of the AD4002 (Bottom Layer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com