Electronic Components Datasheet Search
  English  ▼

X  

AD4002 Datasheet(PDF) 26 Page - Analog Devices

Part # AD4002
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD4002 Datasheet HTML 22Page - Analog Devices AD4002 Datasheet HTML 23Page - Analog Devices AD4002 Datasheet HTML 24Page - Analog Devices AD4002 Datasheet HTML 25Page - Analog Devices AD4002 Datasheet HTML 26Page - Analog Devices AD4002 Datasheet HTML 27Page - Analog Devices AD4002 Datasheet HTML 28Page - Analog Devices AD4002 Datasheet HTML 29Page - Analog Devices AD4002 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
AD4002/AD4006/AD4010
Data Sheet
Rev. A | Page 26 of 39
The minimum SCK frequency required to access the conversion
result plus status bits when turbo mode is not enabled is calculated
with the following equation:
2
DS
SCK
CYC
CONV
EN
QUIET
NN
f
tt
t
t

Where tCONV corresponds to the conversion time and is
described in Table 2.
Table 12. AD4002/AD4006/AD4010 Configuration Register
Bits
Bit Name
Description
Reset
Access1
[7:5]
Reserved
Reserved memory.
0x0
R
4
Status bits enable
Enables status bits (see the Status Bits section).
0x0
R/W
0: disables status bits.
1: enables status bits.
3
Span compression enable
Enables span compression (see the
Input Span
Compression section).
0x0
R/W
0: disables span compression.
1: enables span compression.
2
High-Z mode enable
Enables high-Z mode (see the
High-Z Mode section).
0x0
R/W
0: disables high-Z mode.
1: enables high-Z mode.
1
Turbo mode enable
Enables turbo mode.
0x0
R/W
0: disables turbo mode.
1: enables turbo mode.
0
OV clamp flag
Indicates an overvoltage event triggered the input
overvoltage clamp circuit (see the
Input Overvoltage
Clamp Circuit section). This bit is sticky, and clears only
when read after the overvoltage event has ended.
0x1
R
0: indicates an overvoltage event has occurred.
1: indicates no overvoltage event has occurred.
1 R stands for read-only, and R/W stands for read/write. Read-only bits cannot be updated with a register write operation. Read/write bits can be updated with a register
write operation.
Table 13. SCK Frequency Requirements for Various Throughputs
CS MODE
Throughput
Minimum SCK Frequency (MHz)
3-Wire and 4-Wire Turbo Modes
2 MSPS (AD4002)
75 MHz
1 MSPS (AD4002/AD4006)
25 MHz
500 kSPS (AD4002/AD4006/AD4010)
11 MHz
100 kSPS (AD4002/AD4006/AD4010)
2 MHz
3-Wire and 4-Wire Turbo Modes with Six Status Bits1
2 MSPS (AD4002)
100 MHz
1 MSPS (AD4002/AD4006)
33 MHz
500 kSPS (AD4002/AD4006/AD4010)
14 MHz
100 kSPS (AD4002/AD4006/AD4010)
2.5 MHz
3-Wire and 4-Wire Modes
1.8 MSPS (AD4002)
93 MHz
1 MSPS (AD4002/AD4006)
30 MHz
500 kSPS (AD4002/AD4006/AD4010)
11 MHz
100 kSPS (AD4002/AD4006/AD4010)
2 MHz
3-Wire and 4-Wire Modes with Six Status Bits1
1.6 MSPS (AD4002)
91 MHz
1 MSPS (AD4002/AD4006)
38 MHz
500 kSPS (AD4002/AD4006/AD4010)
15 MHz
100 kSPS (AD4002/AD4006/AD4010)
2.5 MHz
1 It is not necessary to clock out all six status bits. The minimum required SCK frequency is reduced when clocking out fewer than six status bits. See the Serial Clock
Frequency Requirements and the Status Bits section sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com