Electronic Components Datasheet Search
  English  ▼

X  

AD4002 Datasheet(PDF) 10 Page - Analog Devices

Part # AD4002
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD4002 Datasheet HTML 6Page - Analog Devices AD4002 Datasheet HTML 7Page - Analog Devices AD4002 Datasheet HTML 8Page - Analog Devices AD4002 Datasheet HTML 9Page - Analog Devices AD4002 Datasheet HTML 10Page - Analog Devices AD4002 Datasheet HTML 11Page - Analog Devices AD4002 Datasheet HTML 12Page - Analog Devices AD4002 Datasheet HTML 13Page - Analog Devices AD4002 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
AD4002/AD4006/AD4010
Data Sheet
Rev. A | Page 10 of 39
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
REF 1
VDD 2
IN+ 3
IN– 4
GND 5
VIO
10
SDI
9
SCK
8
SDO
7
CNV
6
AD4002/
AD4006
TOP VIEW
(Not to Scale)
Figure 3. 10-Lead MSOP Pin Configuration
1
REF
2
VDD
3
IN+
4
IN–
5
GND
10 VIO
9SDI
8SCK
7SDO
6 CNV
AD4002/
AD4006/
AD4010
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO GND.
THIS CONNECTION IS NOT REQUIRED TO
MEET THE SPECIFIED PERFORMANCE.
Figure 4. 10-Lead LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
REF
AI
Reference Input Voltage. The VREF range is 2.4 V to 5.1 V. This pin is referred to the GND pin and must be
decoupled closely to the GND pin with a 10 μF, X7R ceramic capacitor.
2
VDD
P
1.8 V Power Supply. The VDD range is 1.71 V to 1.89 V. Bypass VDD to GND with a 0.1 μF ceramic capacitor.
3
IN+
AI
Analog Input. This pin is referred to the analog ground sense pin (IN−). The device samples the voltage
differential between IN+ and IN− on the leading edge on CNV. The operating input range of (IN+) – (IN−)
is 0 V to VREF.
4
IN−
AI
Analog Input Ground Sense. Connect this pin to the analog ground plane or to a remote sense ground.
5
GND
P
Power Supply Ground. Connect to the ground plane of the board.
6
CNV
DI
Convert Input. This input has multiple functions. On its leading edge, the input initiates the conversions and
selects the interface mode of the device, which is either daisy-chain mode or CS mode. In CS mode, the
SDO pin is enabled when CNV is low. In daisy-chain mode, the data is read when CNV is high.
7
SDO
DO
Serial Data Output. The conversion result is output on the SDO pin. SDO is synchronized to the SCK
signal on the SCK pin.
8
SCK
DI
Serial Data Clock Input. When the device is selected, the conversion result is shifted out by this clock.
9
SDI
DI
Serial Data Input. This input provides multiple features and selects the interface mode of the ADC as follows:
Daisy-chain mode is selected if SDI is low during the CNV rising edge. In this mode, SDI is used as a data
input to daisy-chain the conversion results of two or more ADCs onto a single SDO line. The digital data
level on SDI is output on SDO with a delay of 18 SCK cycles.
CS mode is selected if SDI is high during the CNV rising edge. In this mode, either SDI or CNV can enable
the serial output signals when low. If SDI or CNV is low when the conversion is complete, the busy indicator
feature is enabled. With CNV low, program the device by clocking in a 16-bit word on SDI on the rising
edge of SCK.
10
VIO
P
Input/Output Interface Digital Power. Nominally, this pin is at the same supply as the host interface (1.8 V,
2.5 V, 3 V, or 5 V). Bypass VIO to GND with a 0.1 μF ceramic capacitor.
N/A2
EPAD
P
Exposed Pad. Connect the exposed pad to GND. This connection is not required to meet the specified
performance. Note that the exposed pad only applies to the LFCSP.
1 AI is analog input, P is power, DI is digital input, and DO is digital output.
2 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com