Electronic Components Datasheet Search
  English  ▼

X  

AD4002 Datasheet(PDF) 22 Page - Analog Devices

Part # AD4002
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD4002 Datasheet HTML 18Page - Analog Devices AD4002 Datasheet HTML 19Page - Analog Devices AD4002 Datasheet HTML 20Page - Analog Devices AD4002 Datasheet HTML 21Page - Analog Devices AD4002 Datasheet HTML 22Page - Analog Devices AD4002 Datasheet HTML 23Page - Analog Devices AD4002 Datasheet HTML 24Page - Analog Devices AD4002 Datasheet HTML 25Page - Analog Devices AD4002 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
AD4002/AD4006/AD4010
Data Sheet
Rev. A | Page 22 of 39
Table 10. RC Filter and Amplifier Selection for Various Input Bandwidths
Input Signal Bandwidth (kHz)
ADC
R (Ω)
C (F)
Recommended Amplifier
Precision ADC Driver Tool
<10
AD4002 (2 MSPS)
200
180 p
ADA4807-1
ADC Driver Tool Example
AD4006 (1 MSPS)
680
180 p
ADA4807-1
ADC Driver Tool Example
AD4010 (500 kSPS)
680
180 p
ADA4807-1
ADC Driver Tool Example
AD4002 (2 MSPS)
390
180 p
ADA4077-1
ADC Driver Tool Example
AD4006 (1 MSPS)
680
180 p
ADA4077-1
ADC Driver Tool Example
AD4010 (500 kSPS)
680
470 p
ADA4077-1
ADC Driver Tool Example
AD4002 (2 MSPS)
390
180 p
ADA4610-1
ADC Driver Tool Example
AD4006 (1 MSPS)
680
180 p
ADA4610-1
ADC Driver Tool Example
AD4010 (500 kSPS)
680
470 p
ADA4610-1
ADC Driver Tool Example
<100
AD4002 (2 MSPS)
200
180 p
ADA4807-1
ADC Driver Tool Example
AD4006 (1 MSPS)
200
360 p
ADA4807-1
ADC Driver Tool Example
AD4010 (500 kSPS)
200
360 p
ADA4807-1
ADC Driver Tool Example
≥100
AD4002 (2 MSPS)
120
180 p
ADA4897-1
ADC Driver Tool Example
AD4006 (1 MSPS)
200
180 p
ADA4897-1
ADC Driver Tool Example
AD4010 (500 kSPS)
120
180 p
ADA4897-1
ADC Driver Tool Example
Multiplexed
AD4002 (2 MSPS)
100
180 p
ADA4897-1
ADC Driver Tool Example
AD4006 (1 MSPS)
200
180 p
ADA4897-1
ADC Driver Tool Example
AD4010 (500 kSPS)
200
180 p
ADA4897-1
ADC Driver Tool Example
DRIVER AMPLIFIER CHOICE
Although the AD4002/AD4006/AD4010 are easy to drive, the
driver amplifier must meet the following requirements:
The noise generated by the driver amplifier must be kept
low enough to preserve the SNR and transition noise
performance of the AD4002/AD4006/AD4010. The noise
from the driver is filtered by the single-pole, low-pass filter
of the analog input circuit made by RIN and CIN, or by the
external filter, if one is used. Because the typical noise of the
AD4002/AD4006/AD4010 is 30.4 μV rms, the SNR
degradation due to the amplifier is the following:


 
2
3
2
2
μV
30.4
μV
30.4
log
20
N
dB
LOSS
Ne
f
SNR
where:
f−3 dB is the input bandwidth, in megahertz, of the AD4002/
AD4006/AD4010 (10 MHz) or the cutoff frequency of the
input filter, if one is used.
N is the noise gain of the amplifier (for example, 1 in buffer
configuration).
eN is the equivalent input noise voltage of the operational
amplifier, in nV/√Hz.
For ac applications, the driver must have a THD performance
commensurate with the AD4002/AD4006/AD4010.
For multichannel multiplexed applications, the driver
amplifier and the analog input circuit of the AD4002/
AD4006/AD4010 must settle for a full-scale step onto the
capacitor array at an 18-bit level (0.000384%, 3.84 ppm).
In amplifier data sheets, settling at 0.1% to 0.01% is more
commonly specified. Settling at 0.1% to 0.01% may differ
significantly from the settling time at an 18-bit level and
must be verified prior to driver selection.
The Precision ADC Driver Tool can be used to model the
settling behavior and to estimate the ac performance of the
AD4002/AD4006/AD4010 with a selected driver amplifier and
RC filter. Once the Precision ADC Driver Tool has modelled a
specific circuit, the circuit can be exported for simulation in
LTspice.
High Frequency Input Signals
The AD4002/AD4006/AD4010 ac performance over a wide
input frequency range using a 5 V reference voltage is shown
in Figure 17 and Figure 20. Unlike other traditional SAR ADCs, the
AD4002/AD4006/AD4010 maintain exceptional ac performance
for input frequencies up to the Nyquist frequency with minimal
performance degradation. Note that the input frequency is limited
to the Nyquist frequency of the sample rate in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com