Electronic Components Datasheet Search
  English  ▼

X  

AD4002 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4002
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4002 Datasheet HTML 19Page - Analog Devices AD4002 Datasheet HTML 20Page - Analog Devices AD4002 Datasheet HTML 21Page - Analog Devices AD4002 Datasheet HTML 22Page - Analog Devices AD4002 Datasheet HTML 23Page - Analog Devices AD4002 Datasheet HTML 24Page - Analog Devices AD4002 Datasheet HTML 25Page - Analog Devices AD4002 Datasheet HTML 26Page - Analog Devices AD4002 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Data Sheet
AD4002/AD4006/AD4010
Rev. A | Page 23 of 39
Multiplexed Applications
The AD4002/AD4006/AD4010 significantly reduce system
complexity for multiplexed applications that require superior
performance in terms of noise, power, and throughput. Figure 42
shows a simplified block diagram of a multiplexed data acquisition
system including a multiplexer, an ADC driver, and the precision
SAR ADC.
SAR ADC
ADC
DRIVER
MULTIPLEXER
R
R
R
C
C
C
C
Figure 42. Multiplexed Data Acquisition Signal Chain Using the
AD4002/AD4006/AD4010
Switching multiplexer channels typically results in large voltage
steps at the ADC inputs. To ensure an accurate conversion
result, the ADC step must be given adequate time to settle
before the ADC samples the inputs (on the subsequent rising
edge of CNV). The settling time error is dependent on the drive
circuitry (multiplexer and ADC driver), RC filter values, and
the time when the multiplexer channels are switched. Switch the
multiplexer channels immediately after tQUIET1 has elapsed from
the start of the conversion to maximize settling time and to
prevent corruption of the conversion result. To avoid conversion
corruption, do not switch the channels during the tQUIET1 time.
If the analog inputs are multiplexed during the quiet conversion
time (tQUIET1), the current conversion is possibly corrupted.
Figure 43 shows the conversion error vs. settling time when
switching between positive and negative full-scale inputs
(described in Table 9). The conversion error refers to the
deviation between the expected and actual code output for
either a positive or negative full-scale input.
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ACQUISITION TIME (µs)
+FS TO ‒FS
‒FS TO +FS
Figure 43. Conversion Error vs. Settling Time with Full-Scale Input Steps,
VDD = 1.8 V, VIO = 3.3 V, VREF = 5 V, TA = 25°C
EASE OF DRIVE FEATURES
Input Span Compression
In single-supply applications, it is recommended to use the
full range of the ADC. However, the amplifier can have some
headroom and footroom requirements, which can be a problem,
even if it is a rail-to-rail input and output amplifier. The AD4002/
AD4006/AD4010 include a span compression feature, which
increases the headroom and footroom available to the amplifier
by reducing the input range by 10% from the top and bottom
of the range while still accessing all available ADC codes (see
Figure 44). The SNR decreases by approximately 1.9 dB (20 ×
log(8/10)) for the reduced input range when span compression
is enabled. Span compression is disabled by default but is enabled
by writing to the relevant register bit (see the Digital Interface
section).
ADC
VREF = 4.096V
DIGITAL OUTPUT
ALL 2N
CODES
+FSR
–FSR
90% OF VREF = 3.69V
10% OF VREF = 0.41V
ANALOG
INPUT
5V
IN+
Figure 44. Span Compression
High-Z Mode
The AD4002/AD4006/AD4010 incorporate high-Z mode, which
reduces the nonlinear charge kickback when the capacitor DAC
switches back to the input at the start of acquisition. Figure 28
shows the input current of the AD4002/AD4006/AD4010 with
high-Z mode enabled and disabled. The low analog input current
makes the ADC easier to drive than the traditional SAR ADCs,
even with high-Z mode disabled. The input current reduces further
to submicroampere range when high-Z mode is enabled. High-Z
mode is disabled by default but can be enabled by writing to the
configuration register (see Table 12). Disable high-Z mode for
input frequencies above 100 kHz or when multiplexing.
To achieve the optimum data sheet performance from traditional
high resolution precision SAR ADCs, system designers must
often use a dedicated high power, high speed amplifier to drive
the switched capacitor SAR ADC inputs. High-Z mode allows a
choice of lower power and lower bandwidth precision amplifiers
with a lower RC filter cutoff to drive the ADC, removing the
need for dedicated high speed ADC drivers, which saves system
power, size, and cost in precision, low bandwidth applications.
High-Z mode allows the amplifier and RC filter in front of the
ADC to be chosen based on the signal bandwidth of interest,
rather than the settling requirements of the switched capacitor
SAR ADC inputs. High-Z mode also improves THD performance
and reduces analog input current for input signals up to 100 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com