Electronic Components Datasheet Search
  English  ▼

X  

AD4002 Datasheet(PDF) 34 Page - Analog Devices

Part # AD4002
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD4002 Datasheet HTML 30Page - Analog Devices AD4002 Datasheet HTML 31Page - Analog Devices AD4002 Datasheet HTML 32Page - Analog Devices AD4002 Datasheet HTML 33Page - Analog Devices AD4002 Datasheet HTML 34Page - Analog Devices AD4002 Datasheet HTML 35Page - Analog Devices AD4002 Datasheet HTML 36Page - Analog Devices AD4002 Datasheet HTML 37Page - Analog Devices AD4002 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
AD4002/AD4006/AD4010
Data Sheet
Rev. A | Page 34 of 39
CS MODE, 4-WIRE WITHOUT BUSY INDICATOR
This mode is typically used when multiple AD4002/AD4006/
AD4010 devices are connected to an SPI-compatible digital host.
A connection diagram example using two AD4002/AD4006/
AD4010 devices is shown in Figure 59, and the corresponding
timing diagram is shown in Figure 60.
Turbo mode must be disabled to use this mode. To disable turbo
mode, set the turbo mode enable field in the configuration
register to 0 (see Table 12). Turbo mode is disabled by default.
A rising edge on CNV initiates a conversion and forces SDO to
high impedance. When performing conversions in this mode,
SDI must be high during the CNV rising edge. CNV must be
held high throughout the conversion and data readback phase.
When performing conversions in this mode, SDI must be high
during the CNV rising edge. Prior to the minimum conversion
time (tCONV), SDI can select other SPI devices, such as analog
multiplexers. However, SDI must be returned high before the
minimum conversion time elapses and then held high for the
maximum possible conversion time to avoid the generation of
the busy signal indicator. When the conversion is complete,
the AD4002/AD4006/AD4010 enter the acquisition phase and
power-down. There must not be any digital activity on SCK
during the conversion.
SDI is analogous to a chip select input, and each ADC result can
be read by bringing the corresponding SDI input low. Bringing
SDI low on each device outputs the MSB of the conversion
result on the corresponding SDO pin. The remaining data bits
are clocked out on SDO by subsequent SCK falling edges. The
data is valid on both SCK edges. The conversion result is clocked
out on SDO on the first 18 SCK falling edges. If the status bits are
enabled, they are shifted out on SDO on the 19th through the 24th
SCK falling edges (see the Status Bits section). SDO returns to
high impedance after the final SCK falling edge, or when SDI
goes high (whichever occurs first). If the SDO of each device is
tied together, ensure SDI is only low for one device at a time.
The user must also provide a delay of tQUIET2 between the final
SCK falling edge and the next CNV rising edge to ensure
specified performance.
SDI
SDO
CNV
SCK
DEVICE A
CONVERT
DATA IN
CLK
DIGITAL HOST
AD4002/
AD4006/
AD4010
AD4002/
AD4006/
AD4010
SDI
SDO
CNV
SCK
DEVICE B
CS1
CS2
Figure 59. CS Mode, 4-Wire Without Busy Indicator Connection Diagram
SDO
D17
D16
D15
D1
D0
tDIS
SCK
12
3
34
35
36
tHSDO
tDSDO
tEN
CONVERSION
ACQUISITION
tCONV
CYC
tACQ
ACQUISITION
SDI (CS1)
CNV
tSSDICNV
tHSDICNV
D1
16
17
tSCK
tSCKL
tSCKH
D0
D17
D16
19
20
18
SDI (CS2)
tQUIET2
Figure 60. CS Mode, 4-Wire Without Busy Indicator Serial Interface Timing Diagram (Status Bits Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com