Electronic Components Datasheet Search
  English  ▼

X  

AD4002 Datasheet(PDF) 25 Page - Analog Devices

Part # AD4002
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD4002 Datasheet HTML 21Page - Analog Devices AD4002 Datasheet HTML 22Page - Analog Devices AD4002 Datasheet HTML 23Page - Analog Devices AD4002 Datasheet HTML 24Page - Analog Devices AD4002 Datasheet HTML 25Page - Analog Devices AD4002 Datasheet HTML 26Page - Analog Devices AD4002 Datasheet HTML 27Page - Analog Devices AD4002 Datasheet HTML 28Page - Analog Devices AD4002 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Data Sheet
AD4002/AD4006/AD4010
Rev. A | Page 25 of 39
POWER SUPPLY
The AD4002/AD4006/AD4010 use two power supply pins: a core
supply (VDD) and a digital input/output interface supply (VIO).
VIO allows direct interface with any logic between 1.8 V and 5.5 V.
To reduce the number of supplies needed, VIO and VDD can be
tied together for 1.8 V operation. The ADP7118 low noise,
CMOS, low dropout (LDO) linear regulator is recommended to
power the VDD and VIO pins. The AD4002/AD4006/AD4010
are independent of power supply sequencing between VIO and
VDD. Additionally, the AD4002/AD4006/AD4010 are insensitive
to power supply variations over a wide frequency range, as
shown in Figure 32.
The AD4002/AD4006/AD4010 power down automatically at
the end of each conversion phase. Therefore, the power scales
linearly with the sampling rate. This feature makes the device
ideal for low sampling rates (even a few samples per second)
and battery-powered applications. Figure 34 shows the AD4002/
AD4006/AD4010 total power dissipation and individual power
dissipation for each rail.
DIGITAL INTERFACE
The AD4002/AD4006/AD4010 digital interface is used to
perform analog to digital conversions and to enable and disable
various features. The AD4002/AD4006/AD4010 are compatible
with SPI, QSPI™, and MICROWIRE® digital hosts and DSPs.
SCK must be set with the clock polarity (CPOL) = the clock
phase (CPHA) = 0. A 3-wire interface using the CNV, SCK, and
SDO signals minimizes wiring connections, which is useful in
applications with digital isolation. A 4-wire interface using the
SDI, CNV, SCK, and SDO signals allows CNV, which initiates
the conversions, to be independent of the readback timing (SDI).
This interface is useful in low jitter sampling or simultaneous
sampling applications. In either 3-wire or 4-wire CS mode, a
busy signal can be enabled to indicate when the conversion result
is ready. The busy signal acts as an interrupt to the digital host to
initiate data readback.
The AD4002/AD4006/AD4010 digital interface also supports
daisy-chaining multiple devices to read back results from multiple
ADCs over a single SPI bus.
Timing diagrams and explanations for each digital interface mode
are given in the CS Mode, 3-Wire Turbo Mode section through
the Daisy-Chain Mode section.
Turbo mode allows the use of slower SPI clock rates by extending
the amount of time available to clock out conversion results. Turbo
mode is enabled by setting the turbo mode enable bit to 1 in the
configuration register (see Table 12) and replaces the busy
indicator feature when enabled. The maximum throughput of
2 MSPS for the AD4002 can only be achieved with turbo mode
enabled and a minimum SCK frequency of 75 MHz (see Serial
Clock Frequency Requirements section). See the CS Mode, 3-
Wire Turbo Mode section and CS Mode, 4-Wire Turbo Mode for
descriptions of turbo mode operation.
Status bits can also be clocked out at the end of the conversion data
if the status bits are enabled in the configuration register (the Status
Bits section).
For isolated systems, the ADuM141D is recommended to support
the 75 MHz SCK frequency required to run the AD4002 at the full
throughput of 2 MSPS.
The state of SDO on power-up is either low or high-Z, depending
on the states of CNV and SDI, as shown in Table 11.
Table 11. State of SDO on Power-Up
CNV
SDI
SDO
0
0
Low
0
1
Low
1
0
Low
1
1
High-Z
Configuration Register Details
The AD4002/AD4006/AD4010 features are controlled via the
configuration register. The configuration register is eight bits
wide and contains enable bits for the status bits, span compression,
high-Z mode, and turbo mode, as well as an overvoltage detection
flag. The 16-bit SPI instructions are used to read from and write
to the contents in the configuration register. Table 12 shows the
locations and descriptions of each field in the configuration
register.
Serial Clock Frequency Requirements
The AD4002/AD4006/AD4010 digital interface minimizes the
SCK frequency required for reading back conversion results, even
when operating at high throughput. The minimum SCK frequency
required for a given application depends on the number of bits
being read on SDO, whether turbo mode is enabled or disabled,
and the throughput in use.
See Table 13 for several examples of SCK frequency requirements
for different throughputs.
Note that the SCK frequency must obey the minimum SCK
period specification for the given VIO level and interface mode
(see tSCK in Table 2).
The minimum SCK frequency (fSCK) required to access the
conversion result plus status bits when turbo mode is enabled is
calculated with the following equation:
12
DS
SCK
CYC
QUIET
EN
QUIET
NN
f
tt
t
t

where:
ND is the ADC resolution (18 bits).
NS is the number of status bits being accessed.
tCYC, tQUIET1, tEN and tQUIET2 correspond to timing specifications
described in Table 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com