Electronic Components Datasheet Search
  English  ▼

X  

51-040.005. Datasheet(PDF) 16 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 16 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 12Page - EAO AG. 51-040.005. Datasheet HTML 13Page - EAO AG. 51-040.005. Datasheet HTML 14Page - EAO AG. 51-040.005. Datasheet HTML 15Page - EAO AG. 51-040.005. Datasheet HTML 16Page - EAO AG. 51-040.005. Datasheet HTML 17Page - EAO AG. 51-040.005. Datasheet HTML 18Page - EAO AG. 51-040.005. Datasheet HTML 19Page - EAO AG. 51-040.005. Datasheet HTML 20Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
51
Devices flush mounting
14
01.2010
Actuators usable for front dimensions:
b 24 x 24 mm | a 24 x 30 mm | 25 mm dia.
Essential Accessories:
d Front bezel set for Indicators and Illuminated pushbutton, flush mounting page 25
d Lens plastic, flush mounting page 21
d Single-LED page 30
Continuation see next page
Switching system: LL = Low level switching element, SA = Snap-action switching element
Contacts: NC = Normally closed, NO = Normally open
Switching action: MA = Maintained action, M = Momentary action
Terminals: UT = Universal terminal, S = Soldering terminal, S1 = Soldering terminal (also pluggable 2.8 x 0.5 mm)
Component layout from page 40, Mounting dimensions from page 41, Technical drawing from page 42, Circuit drawing from page 47
Illuminated pushbutton actuator, flush mounting
Typ-Nr.
e
Illuminated pushbutton actuator, flush mounting
IP 65
LL
1 NC
MA
UT
51-486.036F
4316
11
0.006
MUT
51-456.036F
4316
57
0.006
1 NC + 1 NO
MA
UT
51-483.036F
4316
14
0.006
MUT
51-453.036F
4316
60
0.006
1 NO
MA
UT
51-485.036F
4316
13
0.006
MUT
51-455.036F
4316
59
0.006
2 NC
MA
UT
51-482.036F
4316
12
0.006
MUT
51-452.036F
4316
58
0.006
2 NO
MA
UT
51-481.036F
4316
15
0.006
MUT
51-451.036F
4316
61
0.006
SA
1 NC + 1 NO
MA
S
51-281.0252F
3
16
10
0.005
S1
51-281.022F
3
16
7
0.007
MS
51-151.0252F
3
16
56
0.005
S1
51-151.022F
3
16
53
0.007
2 NC + 2 NO
MA
S
51-282.0252F
3
16
6
0.008
MS
51-152.0252F
3
16
52
0.008
3 NC + 3 NO
MA
S
51-283.0252F
3
16
3
0.010
MS
51-153.0252F
3
16
49
0.010
4 NC + 4 NO
MA
S
51-284.0252F
3
16
2
0.012
MS
51-154.0252F
3
16
48
0.012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com