Electronic Components Datasheet Search
  English  ▼

X  

51-040.005. Datasheet(PDF) 23 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 23 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 19Page - EAO AG. 51-040.005. Datasheet HTML 20Page - EAO AG. 51-040.005. Datasheet HTML 21Page - EAO AG. 51-040.005. Datasheet HTML 22Page - EAO AG. 51-040.005. Datasheet HTML 23Page - EAO AG. 51-040.005. Datasheet HTML 24Page - EAO AG. 51-040.005. Datasheet HTML 25Page - EAO AG. 51-040.005. Datasheet HTML 26Page - EAO AG. 51-040.005. Datasheet HTML 27Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
21
01.2010
51
Accessories
Continuation see next page
mat
Continuation see next page
Front
Lens plastic, raised mounting
Lens
b 18 x 18 mm
Typ-Nr.
a 18 x 24 mm
Typ-Nr.
Ø 18 mm
Typ-Nr.
e
Lens plastic, raised mounting
concave, illuminative
blue transparent
51-954.6
51-904.6
0.001
colourless transparent
51-954.7
51-904.7
0.001
green transparent
51-954.5
51-904.5
0.001
orange transparent
51-954.3
51-904.3
0.001
red transparent
51-954.2
51-904.2
0.001
yellow transparent
51-954.4
51-904.4
0.001
flush, illuminative
blue transparent
51-953.6
51-903.6
51-933.6
0.001
colourless transparent
51-953.7
51-903.7
51-933.7
0.001
green transparent
51-953.5
51-903.5
51-933.5
0.001
orange transparent
51-953.3
51-903.3
51-933.3
0.001
red transparent
51-953.2
51-903.2
51-933.2
0.001
smoked transparent
51-953.1
51-903.1
51-933.1
0.001
yellow transparent
51-953.4
51-903.4
51-933.4
0.001
flush, illuminative
(not recommended for film insert)
blue translucent
51-951.6
51-901.6
51-931.6
0.001
colourless transparent
51-955.7
51-905.7
51-935.7
0.001
green translucent
51-951.5
51-901.5
51-931.5
0.001
green transparent
51-955.5
51-905.5
51-935.5
0.001
orange translucent
51-951.3
51-901.3
51-931.3
0.001
red translucent
51-951.2
51-901.2
51-931.2
0.001
red transparent
51-955.2
51-905.2
51-935.2
0.001
white translucent
51-951.9
51-901.9
51-931.9
0.001
yellow translucent
51-951.4
51-901.4
51-931.4
0.001
yellow transparent
51-955.4
51-905.4
51-935.4
0.001
flush, non-illuminative
black opaque
51-951.0
51-901.0
51-931.0
0.001
grey opaque
51-951.8
51-901.8
51-931.8
0.001
concave, illuminative
(not recommended for film insert)
colourless transparent
51-906.7
0.001
green transparent
51-906.5
0.001
red transparent
51-906.2
0.001
yellow transparent
51-906.4
0.001
Lens plastic, flush mounting
Lens
b 24 x 24 mm
Typ-Nr.
a 24 x 30 mm
Typ-Nr.
Ø 25 mm
Typ-Nr.
e
Lens plastic, flush mounting
illuminative
blue transparent flush
61-9671.6
61-9681.6
61-9642.6
0.002
colourless transparent flush
61-9671.7
61-9681.7
61-9642.7
0.002
green transparent flush
61-9671.5
61-9681.5
61-9642.5
0.002
orange transparent flush
61-9671.3
61-9681.3
61-9642.3
0.002
red transparent flush
61-9671.2
61-9681.2
61-9642.2
0.002
smoked transparent flush
61-9671.1
61-9681.1
61-9642.1
0.002
yellow transparent flush
61-9671.4
61-9681.4
61-9642.4
0.002
non-illuminative
black opaque flush
61-9771.0
61-9781.0
0.002
grey opaque flush
61-9771.8
61-9781.8
0.002
white translucent flush
61-9771.9
61-9781.9
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com