Electronic Components Datasheet Search
  English  ▼

X  

51-040.005. Datasheet(PDF) 26 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 26 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 22Page - EAO AG. 51-040.005. Datasheet HTML 23Page - EAO AG. 51-040.005. Datasheet HTML 24Page - EAO AG. 51-040.005. Datasheet HTML 25Page - EAO AG. 51-040.005. Datasheet HTML 26Page - EAO AG. 51-040.005. Datasheet HTML 27Page - EAO AG. 51-040.005. Datasheet HTML 28Page - EAO AG. 51-040.005. Datasheet HTML 29Page - EAO AG. 51-040.005. Datasheet HTML 30Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
24
01.2010
51
Accessories
with bar and marking dot
Continuation see next page
with bar and marking dot
Continuation see next page
for devices 25 mm dia., flush mounting
Continuation see next page
Technical drawing from page 42
Lever, raised mounting
Lever
Bar colour
Typ-Nr.
e
Lever, raised mounting
illuminative
Plastic black
blue
52-928.60
0.001
green
52-928.50
0.001
orange
52-928.30
0.001
red
52-928.20
0.001
yellow
52-928.40
0.001
Plastic grey
blue
52-929.60
0.001
green
52-929.50
0.001
orange
52-929.30
0.001
red
52-929.20
0.001
yellow
52-929.40
0.001
non-illuminative
Plastic black
black
52-928.0
0.001
Plastic grey
grey
52-929.8
0.001
white
52-929.9
0.001
Lever, flush mounting
Lever
Bar colour
Typ-Nr.
e
Lever, flush mounting
illuminative
Plastic black
blue
61-9028.60
0.001
green
61-9028.50
0.001
orange
61-9028.30
0.001
red
61-9028.20
0.001
yellow
61-9028.40
0.001
Plastic grey
blue
61-9029.60
0.001
green
61-9029.50
0.001
orange
61-9029.30
0.001
red
61-9029.20
0.001
yellow
61-9029.40
0.001
non-illuminative
Plastic black
black
61-9028.0
0.001
white
61-9028.9
0.001
Plastic grey
grey
61-9029.8
0.001
white
61-9029.9
0.001
Legend frame
Typ-Nr.
e
Legend frame
30 x 50 mm, adhesive, Aluminium black
61-9980.0
10
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com