Electronic Components Datasheet Search
  English  ▼

X  

51-040.005. Datasheet(PDF) 47 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 47 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 43Page - EAO AG. 51-040.005. Datasheet HTML 44Page - EAO AG. 51-040.005. Datasheet HTML 45Page - EAO AG. 51-040.005. Datasheet HTML 46Page - EAO AG. 51-040.005. Datasheet HTML 47Page - EAO AG. 51-040.005. Datasheet HTML 48Page - EAO AG. 51-040.005. Datasheet HTML 49Page - EAO AG. 51-040.005. Datasheet HTML 50Page - EAO AG. 51-040.005. Datasheet HTML 51Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
51
Drawings
45
01.2010
12 Indicator actuator page 7
13 Illuminated pushbutton actuator page 8
14 Keylock switch 2 positions page 9
18 x 24 mm
18 x 18 mm
Ø 18 mm
LL1
U
U + D
23
26
35
-
35
1D, 2D
L1
L
U+D
U
10.5
3
1.5 ... 6
18 x 24 mm
18 x 18 mm
Ø 18 mm
LH + D
L1
U
1NC+1NO
2NC+2NO
3NC+3NO
4NC+4NO
1NC+1NO+D
2NO+2NC+D
28
35.5
43
50.5
36
-
-
-
43.5
51
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1NC, 1NO, 1NC+1NO, 2NC, 2NO
-
35
1.5 ... 6
L
10.5
L1
H+D
U
3
LL1
U
1NC+1NO
2NC+2NO
3NC+3NO
4NC+4NO
26.5
34
41.5
49
36
-
-
-
-
-
-
-
1NC, 1NO, 1NC+1NO, 2NC, 2NO
35.5
18 x 24 mm
L1
L
11.5
35
1.5 ... 6
18 x 18 mm
Ø 18 mm
U
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com