Electronic Components Datasheet Search
  English  ▼

X  

51-040.005. Datasheet(PDF) 27 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 27 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 23Page - EAO AG. 51-040.005. Datasheet HTML 24Page - EAO AG. 51-040.005. Datasheet HTML 25Page - EAO AG. 51-040.005. Datasheet HTML 26Page - EAO AG. 51-040.005. Datasheet HTML 27Page - EAO AG. 51-040.005. Datasheet HTML 28Page - EAO AG. 51-040.005. Datasheet HTML 29Page - EAO AG. 51-040.005. Datasheet HTML 30Page - EAO AG. 51-040.005. Datasheet HTML 31Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
25
01.2010
51
Accessories
for Legend frame 61-9980.0
Continuation see next page
Continuation see next page
Mounting dimensions from page 41
Continuation see next page
Mounting dimensions from page 41
Legend plate insert
Typ-Nr.
e
Legend plate insert
14.5 x 23.5 mm, adhesive, Aluminium black
704.968.1
0.001
14.5 x 23.5 mm, adhesive, Aluminium natural
704.968.0
0.001
Front bezel set for Indicators and Illuminated pushbutton, flush mounting
Front bezel
b 24 x 24 mm
Typ-Nr.
a 24 x 30 mm
Typ-Nr.
Ø 25 mm
Typ-Nr.
e
Front bezel set for Indicators
and Illuminated pushbutton,
flush mounting
Plastic black
61-9930.0
61-9931.0
61-9933.10
3
0.008
Plastic silver
61-9930.4
61-9931.4
3
0.008
Aluminium black
61-9933.1
3
0.006
Aluminium blue
61-9933.6
3
0.006
Aluminium gold
61-9933.4
3
0.006
Aluminium natural
61-9933.0
3
0.006
Aluminium olive-green
61-9933.5
3
0.006
Aluminium red
61-9933.2
3
0.006
Front bezel set for Mushroom-head pushbutton, flush mounting
Front bezel
Ø 40 mm
Typ-Nr.
Ø 25 mm
Typ-Nr.
e
Front bezel set for Mushroom-head pushbutton,
flush mounting
Aluminium natural
61-9934.8
4
0.013
Aluminium black
61-9933.1
4
0.006
Aluminium blue
61-9933.6
4
0.006
Aluminium gold
61-9933.4
4
0.006
Aluminium natural
61-9933.0
4
0.006
Aluminium olive-green
61-9933.5
4
0.006
Aluminium red
61-9933.2
4
0.006
Plastic black
61-9933.10
4
0.008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com