Electronic Components Datasheet Search
  English  ▼

X  

51-040.005. Datasheet(PDF) 25 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 25 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 21Page - EAO AG. 51-040.005. Datasheet HTML 22Page - EAO AG. 51-040.005. Datasheet HTML 23Page - EAO AG. 51-040.005. Datasheet HTML 24Page - EAO AG. 51-040.005. Datasheet HTML 25Page - EAO AG. 51-040.005. Datasheet HTML 26Page - EAO AG. 51-040.005. Datasheet HTML 27Page - EAO AG. 51-040.005. Datasheet HTML 28Page - EAO AG. 51-040.005. Datasheet HTML 29Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
23
01.2010
51
Accessories
mat
Continuation see next page
Continuation see next page
Continuation see next page
Lens metal, flush mounting
Lens
Ø 25 mm
Typ-Nr.
e
Lens metal, flush mounting
convex
Aluminium black
61-9842.0
0.003
Aluminium blue
61-9842.6
0.003
Aluminium gold
61-9842.4
0.003
Aluminium natural
61-9842.8
0.003
Aluminium olive-green
61-9842.5
0.003
Aluminium red
61-9842.2
0.003
flush
Aluminium black
61-9841.0
0.002
Aluminium blue
61-9841.6
0.002
Aluminium gold
61-9841.4
0.002
Aluminium natural
61-9841.8
0.002
Aluminium olive-green
61-9841.5
0.002
Aluminium red
61-9841.2
0.002
Mushroom-head cap, flush mounting
Mushroom had cap
Ø 32 mm
Typ-Nr.
e
Mushroom-head cap, flush mounting
Plastic black opaque
61-9593.0
0.004
Plastic green opaque
61-9593.5
0.004
Plastic red opaque
61-9593.2
0.004
Plastic yellow opaque
61-9593.4
0.004
Front bezel square for selector switch, raised mounting
Front bezel
Typ-Nr.
e
Front bezel square for selector switch, raised mounting
24 x 24 mm
Plastic black
52-950.0
0.001
26 x 26 mm
Plastic black
52-952.0
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com