Electronic Components Datasheet Search
  English  ▼

X  

51-040.005. Datasheet(PDF) 24 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 24 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 20Page - EAO AG. 51-040.005. Datasheet HTML 21Page - EAO AG. 51-040.005. Datasheet HTML 22Page - EAO AG. 51-040.005. Datasheet HTML 23Page - EAO AG. 51-040.005. Datasheet HTML 24Page - EAO AG. 51-040.005. Datasheet HTML 25Page - EAO AG. 51-040.005. Datasheet HTML 26Page - EAO AG. 51-040.005. Datasheet HTML 27Page - EAO AG. 51-040.005. Datasheet HTML 28Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
22
01.2010
51
Accessories
Continuation see next page
The silvery coat is being applied on the lens (screen print) with an additional protective lacquer.
can be hot stamped
Continuation see next page
mat
Continuation see next page
Lens plastic with symbol, flush mounting
Symbol
Lens
Ø 25 mm
Typ-Nr.
e
Lens plastic with symbol, flush mounting
flush - level, illuminative
ON/OFF
blue transparent
61-9643.602
0.002
colourless transparent
61-9643.702
0.002
green transparent
61-9643.502
0.002
red transparent
61-9643.202
0.002
Ring
blue transparent
61-9643.601
0.002
colourless transparent
61-9643.701
0.002
green transparent
61-9643.501
0.002
orange transparent
61-9643.301
0.002
red transparent
61-9643.201
0.002
yellow transparent
61-9643.401
0.002
Stand by
blue transparent
61-9643.603
0.002
colourless transparent
61-9643.703
0.002
green transparent
61-9643.503
0.002
red transparent
61-9643.203
0.002
Marking plate for lens round plastic, flush mounting
Marking plate
Typ-Nr.
e
Marking plate for lens round plastic, flush mounting
only applicable with Lens round Typ-Nr. 61-9642.X
Plastic colourless transparent
61-9707.7
0.001
Lens metal with spot, flush mounting
Lens
Ø 25 mm
Typ-Nr.
e
Lens metal with spot, flush mounting
Aluminium black flush
61-9841.0A
0.002
Aluminium blue flush
61-9841.6A
0.002
Aluminium gold flush
61-9841.4A
0.002
Aluminium natural flush
61-9841.8A
0.002
Aluminium olive-green flush
61-9841.5A
0.002
Aluminium red flush
61-9841.2A
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com