Electronic Components Datasheet Search
  English  ▼

X  

51-040.005. Datasheet(PDF) 18 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 18 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 14Page - EAO AG. 51-040.005. Datasheet HTML 15Page - EAO AG. 51-040.005. Datasheet HTML 16Page - EAO AG. 51-040.005. Datasheet HTML 17Page - EAO AG. 51-040.005. Datasheet HTML 18Page - EAO AG. 51-040.005. Datasheet HTML 19Page - EAO AG. 51-040.005. Datasheet HTML 20Page - EAO AG. 51-040.005. Datasheet HTML 21Page - EAO AG. 51-040.005. Datasheet HTML 22Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
51
Devices flush mounting
16
01.2010
Continuation see next page
Position A : Basic position
Position C : Maintained action
Standard lock 311
Front : Plastic black
IP 65 LL 1 NC + 1 NO MA UT A
51-405.036DF
4 3 17 76 0.029
C
51-408.036DF
4 3 17 76 0.029
C + A
51-402.036DF
4 3 17 76 0.029
2 NO
MA UT A
51-404.036DF
4 3 17 77 0.029
C
51-407.036DF
4 3 17 77 0.029
C + A
51-401.036DF
4 3 17 77 0.029
SA 1 NC + 1 NO MA S
A
51-295.025D2F
3 17 72 0.029
C
51-395.025D2F
3 17 72 0.029
C + A
51-195.025D2F
3 17 72 0.029
S1 A
51-295.022DF
3 17 72 0.029
C
51-395.022DF
3 17 72 0.029
C + A
51-195.022DF
3 17 72 0.029
2 NC + 2 NO MA S
A
51-296.025D2F
3 17 73 0.029
C
51-396.025D2F
3 17 73 0.029
C + A
51-196.025D2F
3 17 73 0.029
3 NC + 3 NO MA S
A
51-297.025D2F
3 17 74 0.029
C
51-397.025D2F
3 17 74 0.029
C + A
51-197.025D2F
3 17 74 0.029
4 NC + 4 NO MA S
A
51-298.025D2F
3 17 75 0.029
C
51-398.025D2F
3 17 75 0.029
C + A
51-198.025D2F
3 17 75 0.029
Position A : Basic position
Position C : Momentary action
Standard lock 311
Front : Plastic black
IP 65 LL 1 NC + 1 NO M
UT A
51-428.036DF
4 3 17 70 0.029
2 NO
M
UT A
51-427.036DF
4 3 17 71 0.029
SA 1 NC + 1 NO M
S
A
51-495.025D2F
3 17 66 0.029
S1 A
51-495.022DF
3 17 66 0.029
2 NC + 2 NO M
S
A
51-496.025D2F
3 17 67 0.029
3 NC + 3 NO M
S
A
51-497.025D2F
3 17 68 0.029
4 NC + 4 NO M
S
A
51-498.025D2F
3 17 69 0.029
Position A : Basic position
Position C : Maintained action
Standard lock 311
Front : Plastic black
IP 65 LL 1 NC + 1 NO MA UT A
51-415.036DF
4 3 17 76 0.026
C
51-418.036DF
4 3 17 76 0.026
C + A
51-412.036DF
4 3 17 76 0.026
2 NO
MA UT A
51-414.036DF
4 3 17 77 0.026
C
51-417.036DF
4 3 17 77 0.026
C + A
51-411.036DF
4 3 17 77 0.026
SA 1 NC + 1 NO MA S
A
51-235.025D2F
3 17 72 0.026
C
51-335.025D2F
3 17 72 0.026
C + A
51-135.025D2F
3 17 72 0.026
S1 A
51-235.022DF
3 17 72 0.026
C
51-335.022DF
3 17 72 0.026
C + A
51-135.022DF
3 17 72 0.026
2 NC + 2 NO MA S
A
51-236.025D2F
3 17 73 0.026
C
51-336.025D2F
3 17 73 0.026
C + A
51-136.025D2F
3 17 73 0.026
3 NC + 3 NO MA S
A
51-237.025D2F
3 17 74 0.026
C
51-337.025D2F
3 17 74 0.026
C + A
51-137.025D2F
3 17 74 0.026
4 NC + 4 NO MA S
A
51-238.025D2F
3 17 75 0.026
C
51-338.025D2F
3 17 75 0.026
C + A
51-138.025D2F
3 17 75 0.026
0
b 24 x 24 mm
Typ-Nr.
a 24 x 30 mm
Typ-Nr.
Ø 25 mm
Typ-Nr.
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com