Electronic Components Datasheet Search
  English  ▼

X  

51-040.005. Datasheet(PDF) 10 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 10 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 6Page - EAO AG. 51-040.005. Datasheet HTML 7Page - EAO AG. 51-040.005. Datasheet HTML 8Page - EAO AG. 51-040.005. Datasheet HTML 9Page - EAO AG. 51-040.005. Datasheet HTML 10Page - EAO AG. 51-040.005. Datasheet HTML 11Page - EAO AG. 51-040.005. Datasheet HTML 12Page - EAO AG. 51-040.005. Datasheet HTML 13Page - EAO AG. 51-040.005. Datasheet HTML 14Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
51
Devices raised mounting
8
01.2010
Essential Accessories:
d Lens plastic, raised mounting page 21
d Single-LED page 30
Continuation see next page
Illuminated pushbutton fit also in mounting hole no. 2
Switching system: LL = Low level switching element, SA = Snap-action switching element
Contacts: NC = Normally closed, NO = Normally open
Diode (1N 4007): - = without, D = Diode
Switching action: MA = Maintained action, M = Momentary action
Terminals: UT = Universal terminal, H = Combined terminal: Solder-/ Universal (at contact/ at diode), S = Soldering terminal, S1 = Soldering
terminal (also pluggable 2.8 x 0.5 mm)
Component layout from page 40, Mounting dimensions from page 41, Technical drawing from page 42, Circuit drawing from page 47
Illuminated pushbutton actuator
b 18 x 18 mm
Typ-Nr.
a 18 x 24 mm
Typ-Nr.
Ø 18 mm
Typ-Nr.
e
Illuminated
pushbutton actuator
IP 65
LL
1 NC
-
MA
UT
51-486.036
51-466.036
51-476.036
4113
11
0.007
MUT
51-456.036
51-426.036
51-436.036
4113
57
0.007
1 NC + 1 NO
-
MA
UT
51-483.036
51-463.036
51-473.036
4113
14
0.007
MUT
51-453.036
51-423.036
51-433.036
4113
60
0.007
1 NO
-
MA
UT
51-485.036
51-465.036
51-475.036
4113
13
0.007
MUT
51-455.036
51-425.036
51-435.036
4113
59
0.007
2 NC
-
MA
UT
51-482.036
51-462.036
51-472.036
4113
12
0.007
MUT
51-452.036
51-422.036
51-432.036
4113
58
0.007
2 NO
-
MA
UT
51-481.036
51-461.036
51-471.036
4113
15
0.007
MUT
51-451.036
51-421.036
51-431.036
4113
61
0.007
SA
1 NC + 1 NO
1 D
MA
H
51-717.0292
51-713.0292
51-747.0292
1
13
8
0.008
MH
51-709.0292
51-705.0292
51-743.0292
1
13
54
0.008
2 D
MA
H
51-718.0292
51-714.0292
51-748.0292
1
13
9
0.008
MH
51-710.0292
51-706.0292
51-744.0292
1
13
55
0.008
-MA
S
51-281.0252
51-261.0252
51-271.0252
1
13
10
0.006
S1
51-281.022
51-261.022
51-271.022
1
13
7
0.006
MS
51-151.0252
51-121.0252
51-131.0252
1
13
56
0.006
S1
51-151.022
51-121.022
51-131.022
1
13
53
0.006
2 NC + 2 NO
1 D
MA
H
51-719.0292
51-715.0292
51-749.0292
1
13
4
0.010
MH
51-711.0292
51-707.0292
51-745.0292
1
13
50
0.010
2 D
MA
H
51-720.0292
51-716.0292
51-750.0292
1
13
5
0.010
MH
51-712.0292
51-708.0292
51-746.0292
1
13
51
0.010
-MA
S
51-282.0252
51-262.0252
51-272.0252
1
13
6
0.008
MS
51-152.0252
51-122.0252
51-132.0252
1
13
52
0.008
3 NC + 3 NO
-
MA
S
51-283.0252
51-263.0252
51-273.0252
1
13
3
0.010
MS
51-153.0252
51-123.0252
51-133.0252
1
13
49
0.010
4 NC + 4 NO
-
MA
S
51-284.0252
51-264.0252
51-274.0252
1
13
2
0.012
MS
51-154.0252
51-124.0252
51-134.0252
1
13
48
0.012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com