Electronic Components Datasheet Search
  English  ▼

X  

51-040.005. Datasheet(PDF) 20 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 20 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 16Page - EAO AG. 51-040.005. Datasheet HTML 17Page - EAO AG. 51-040.005. Datasheet HTML 18Page - EAO AG. 51-040.005. Datasheet HTML 19Page - EAO AG. 51-040.005. Datasheet HTML 20Page - EAO AG. 51-040.005. Datasheet HTML 21Page - EAO AG. 51-040.005. Datasheet HTML 22Page - EAO AG. 51-040.005. Datasheet HTML 23Page - EAO AG. 51-040.005. Datasheet HTML 24Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
51
Devices flush mounting
18
01.2010
Essential Accessories:
d Front bezel set for Keylock switch, flush mounting page 26
Continuation see next page
Other lock numbers on request
Switching system: SA = Snap-action switching element
Contacts: NC = Normally closed, NO = Normally open
Switching action: MA = Maintained action, M = Momentary action
Terminals: S1 = Soldering terminal (also pluggable 2.8 x 0.5 mm)
Mounting dimensions from page 41, Technical drawing from page 42, Circuit drawing from page 47
Keylock switch actuator 3 positions, flush mounting
0
b 24 x 24 mm
Typ-Nr.
a 24 x 30 mm
Typ-Nr.
Ø 25 mm
Typ-Nr.
e
Keylock switch actuator
3 positions, flush mounting
Position C : Maintained action
Position A : Basic position
Position B : Maintained action
Standard lock 311
IP 65 SA 2 NC + 2 NO MA-0-MA S1 A
51-381.022DF 51-361.022DF 51-371.022DF 3465 0.027
C + B
51-383.022DF 51-363.022DF 51-373.022DF 3465 0.027
C+A+B 51-382.022DF 51-362.022DF 51-372.022DF 3465 0.027
Position C : Maintained action
Position A : Basic position
Position B : Momentary action
Standard lock 311
IP 65 SA 2 NC + 2 NO MA-0-M
S1 A
51-385.022DF 51-365.022DF 51-375.022DF 3464 0.027
C + A
51-386.022DF 51-366.022DF 51-376.022DF 3464 0.027
Position C : Momentary action
Position A : Basic position
Position B : Maintained action
Standard lock 311
IP 65 SA 2 NC + 2 NO M-0-MA
S1 A
51-387.022DF 51-367.022DF 51-377.022DF 3462 0.027
A + B
51-388.022DF 51-368.022DF 51-378.022DF 3462 0.027
Position C : Momentary action
Position A : Basic position
Position B : Momentary action
Standard lock 311
IP 65 SA 2 NC + 2 NO M-0-M
S1 A
51-384.022DF 51-364.022DF 51-374.022DF 3463 0.027



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com