Electronic Components Datasheet Search
  English  ▼

X  

51-040.005. Datasheet(PDF) 37 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 37 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 33Page - EAO AG. 51-040.005. Datasheet HTML 34Page - EAO AG. 51-040.005. Datasheet HTML 35Page - EAO AG. 51-040.005. Datasheet HTML 36Page - EAO AG. 51-040.005. Datasheet HTML 37Page - EAO AG. 51-040.005. Datasheet HTML 38Page - EAO AG. 51-040.005. Datasheet HTML 39Page - EAO AG. 51-040.005. Datasheet HTML 40Page - EAO AG. 51-040.005. Datasheet HTML 41Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
35
01.2010
51
Technical Data
Actuating force
3 N ... 3,5 N
Actuating travel
Illuminated pushbutton 3 mm
Keylock-/selector switch actuator 2 positions:
1x ca. 42° deflection momentary action
1x ca. 90° deflection maintained action
Rebound time
Typ. <100
μs
Mechanical lifetime
0
Electrical characteristics
Contact resistance
Starting value (initial)
≤50 mΩ
Electrostatic breakdown value
≤15 KV (Keylock switch)
Switch rating
10
μA, 100 μV to 100 mA at 42 VAC/VDC
Electric strength
2500 VAC, 50 Hz, 1 min. between all terminals and earth, as per
IEC 60512-2-11
Environmental conditions
Storage temperature
-40 °C ... +85 °C
Service temperature
-25 °C ... +55 °C
For indicators and illuminated pushbuttons mounted as a block,
make sure the heat can escape freely.
Protection degree
IP 65 front side, as per IEC 60529
Shock resistance
(Single impacts, semi-sinusoidal)
15 g for 11 ms, as per IEC 60512-4-3, IEC 60068-2-27
Momentary action
5 million cycles of operation
Maintained action
1 million cycles of operation
Keylock switch
50 000 cycles of operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com