Electronic Components Datasheet Search
  English  ▼

X  

51-040.005. Datasheet(PDF) 29 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 29 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 25Page - EAO AG. 51-040.005. Datasheet HTML 26Page - EAO AG. 51-040.005. Datasheet HTML 27Page - EAO AG. 51-040.005. Datasheet HTML 28Page - EAO AG. 51-040.005. Datasheet HTML 29Page - EAO AG. 51-040.005. Datasheet HTML 30Page - EAO AG. 51-040.005. Datasheet HTML 31Page - EAO AG. 51-040.005. Datasheet HTML 32Page - EAO AG. 51-040.005. Datasheet HTML 33Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
27
01.2010
51
Accessories
Continuation see next page
Technical drawing from page 42
Continuation see next page
Mounting dimensions from page 41, Technical drawing from page 42
Continuation see next page
Blind plugs fit also in mounting holes no. 2
Mounting dimensions from page 41
Continuation see next page
Mounting dimensions from page 41, Technical drawing from page 42
Protective cover, raised mounting
b 18 x 18 mm
Typ-Nr.
a 18 x 24 mm
Typ-Nr.
e
Protective cover, raised mounting
hinged, transparent, with means for sealing
51-920
2
0.002
51-925
3
0.002
Protective cover, flush mounting
b 24 x 24 mm
Typ-Nr.
a 24 x 30 mm
Typ-Nr.
Ø 25 mm
Typ-Nr.
e
Protective cover, flush mounting
hinged, transparent, with means for sealing
61-9921.0
3
7
0.006
61-9922.0
3
8
0.006
slide by side, with means not for sealing
61-9924.0
3
9
0.006
Blind plug, raised mounting
Blind plug
b 18 x 18 mm
Typ-Nr.
a 18 x 24 mm
Typ-Nr.
Ø 18 mm
Typ-Nr.
e
Blind plug, raised mounting
Plastic black
51-948.0
51-947.0
51-949.0
1
0.003
Blind plug, flush mounting
Blind plug
b 24 x 24 mm
Typ-Nr.
a 24 x 30 mm
Typ-Nr.
Ø 25 mm
Typ-Nr.
e
Blind plug, flush mounting
Plastic black
61-9451.0
61-9452.0
3
0.006
61-9453.0
3
11
0.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com