Electronic Components Datasheet Search
  English  ▼

X  

51-040.005. Datasheet(PDF) 35 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 35 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 31Page - EAO AG. 51-040.005. Datasheet HTML 32Page - EAO AG. 51-040.005. Datasheet HTML 33Page - EAO AG. 51-040.005. Datasheet HTML 34Page - EAO AG. 51-040.005. Datasheet HTML 35Page - EAO AG. 51-040.005. Datasheet HTML 36Page - EAO AG. 51-040.005. Datasheet HTML 37Page - EAO AG. 51-040.005. Datasheet HTML 38Page - EAO AG. 51-040.005. Datasheet HTML 39Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
33
01.2010
51
Technical Data
Switching system
Self-cleaning, double-break, snap action switching system (with
contact gap 2 x 0.5 mm).
1 normally closed or 1 normally open contact per element.
Snap-action switching elements with soldering terminals at the
sides: up to 4 switching element can be on a pushbutton (max. 4
normally closed and 4 normally open contacts).
Snap-action switching element with axial plug-in terminals 2.8 mm
stachable, only 1 switching element can be on a pushbutton.
Material
Material of contact
Gold plated silver
Switch housing
Axial soldering-/plug-in terminal 2.8 mm:
Diallylphthalate DAP, Polyamide 66, Polysulfone, heat-resistant
and self-extinguishing.
Soldering terminal: PA 6.6 Ultramid
Actuator housing
Polyetherimide, self-extinguishing
Mechanical characteristics
Terminals
Snap-action switching element with tinned soldering terminals at
the sides:
Max. wire diameter 2 wires à 1.2 mm
Max. wire cross-section of stranded cable 1 x 1 mm²
Snap-action switching element with axial soldering terminals, which
can also be used as plug-in terminals 2.8 x 0.5 mm:
Max. wire diameter 2 wires of 1 mm
Max. wire cross-section of stranded cable 2 of 0.75 mm² or 1 x 1.0
mm²
Actuating torque
2.5 Ncm ... 5.5 Ncm, depending on the number of switching
elements. Measured at the key or lever of the keylock- or selector
switch.
Actuating force
4 N ... 6 N, depending on the number of switching elements
Actuating travel
Illuminated pushbutton 3 mm
Keylock-/selector switch actuator 2 positions:
1x ca. 42° deflection momentary action
1x ca. 90° deflection maintained action
Rebound time
≤5ms
Mechanical lifetime
0
Electrical characteristics
Standards
IEC 61058, EN 61058
Rated voltage
250 VAC/VDC
Rated current
5 A
Contact resistance
Starting value (initial)
≤50 mΩ
Electrostatic discharge (ESD)
≤15 KV (Keylock switch)
Conventional free air thermal current
5 A
The maximum current in continuous operation and at ambient
temperature not exceeding the quoted maximum values.
Switch rating
250 VAC, 5 A (cos
φ 1)
250 VAC, 3 A (cos
φ 0,3)
Switch rating AC (cos
φ 0,7)
0
Switch rating DC (inductive) L:R = 30 ms
0
Electric strength
2500 VAC, 50 Hz, 1 min. between all terminals and earth, as per
IEC 60512-2-11
Protection class
II
Environmental conditions
Storage temperature
-40 °C ... +85 °C
Service temperature
-25 °C ... +55 °C
For indicators and illuminated pushbuttons mounted as a block,
make sure the heat can escape freely.
Protection degree
IP 65 front side, as per IEC 60529
Shock resistance
(Single impacts, semi-sinusoidal)
15 g for 11 ms, as per IEC 60512-4-3, IEC 60068-2-27
Vibration resistance
(Sinusoidal)
10 g at 10 Hz ... 1500 Hz, amplitude 1.5 mm, as per IEC 60512-4-
4, IEC 60068-2-6
Climate resistance
Standard condition, as per IEC 60068-2-3 and 2-30
Changing condition, as per IEC 60068-2-14 and 2-33
Approvals
Approbations
CB (IEC 61058)
CSA
ENEC (EN 61058)
Germanischer Lloyd
UL
Actuator with snap-action switching element
Momentary action
2 million cycles of operation
Maintained action
1 million cycles of operation
Keylock switch
50 000 cycles of operation
Voltage
125 VAC
250 VAC
Current
3 A
2 A
Voltage
24 VDC
60 VDC
110 VDC
220 VDC
Current
2 A
0.7 A
0.2 A
0.1 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com