Electronic Components Datasheet Search
  English  ▼

X  

51-040.005. Datasheet(PDF) 54 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 54 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 50Page - EAO AG. 51-040.005. Datasheet HTML 51Page - EAO AG. 51-040.005. Datasheet HTML 52Page - EAO AG. 51-040.005. Datasheet HTML 53Page - EAO AG. 51-040.005. Datasheet HTML 54Page - EAO AG. 51-040.005. Datasheet HTML 55Page - EAO AG. 51-040.005. Datasheet HTML 56Page - EAO AG. 51-040.005. Datasheet HTML 57Page - EAO AG. 51-040.005. Datasheet HTML 58Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
51
Drawings
52
01.2010
36 Selector switch 2 positions page 11
37 Selector switch 2 positions page 11
38 Selector switch 2 positions page 11 | Selector switch actuator 2 positions, flush mounting page 19
39 Selector switch 2 positions page 11 | Selector switch actuator 2 positions, flush mounting page 19
40 Selector switch 2 positions page 11
41 Selector switch 2 positions page 11
42 Selector switch 2 positions page 11 | Selector switch actuator 2 positions, flush mounting page 19
43 Selector switch 2 positions page 11 | Selector switch actuator 2 positions, flush mounting page 19
3
1a-
2
4b+
3(+)
4(-)
I
3
1
2
4
II
3
1a-
2
4b+
3(+)
4(-)
I
3
1
2
4
II
1(-)
2(+)
3
1x1-
2
4x2+
I
3
1
2
4
II
3
1a-
2
4b+
I
3
1a-
2
4b+
3(+)
4(-)
I
3
1a-
2
4b+
3(+)
4(-)
I
1(-)
2(+)
3
1x1-
2
4x2+
I
1a-
2
b+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com