Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6801 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6801 Datasheet HTML 3Page - Analog Devices LTC6801 Datasheet HTML 4Page - Analog Devices LTC6801 Datasheet HTML 5Page - Analog Devices LTC6801 Datasheet HTML 6Page - Analog Devices LTC6801 Datasheet HTML 7Page - Analog Devices LTC6801 Datasheet HTML 8Page - Analog Devices LTC6801 Datasheet HTML 9Page - Analog Devices LTC6801 Datasheet HTML 10Page - Analog Devices LTC6801 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC6801
7
Rev. F
For more information www.analog.com
Status Output Operating at 10kHz
UV/OV Detection Level Thermal
Hysteresis
UV/OV Detection Level Thermal
Hysteresis
VREG Load Regulation
VREG Output Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
VREG Line Regulation
6801 G22
2V/DIV
20µs/DIV
100k LOAD TO V–
SOUT
SOUT
V+ (V)
10
5.5
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
4.6
4.5
6801 G18
60
50
20
40
30
IDLE MODE
1mA LOAD TO V–
–40°C
25°C
85°C
0
10
8
2
6
4
ILOAD (mA)
5.5
5.0
4.5
4.0
6801 G19
IDLE MODE
V+ = 60V
V+ = 10V
85°C
25°C
–40°C
–40
20
95
–10
50
110 125
5
80
–25
35
65
TEMPERATURE (°C)
5.5
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
4.6
4.5
6801 G21
IDLE MODE
NO LOAD
1mA LOAD
V+ = 60V
V+ = 35V
V+ = 10V
–100
150
–50
50
200
0
100
CHANGE IN DETECTION LEVEL (ppm)
16
14
12
10
8
6
4
2
0
6801 G23
TA = 85°C TO 25°C
–100
150
–50
50
200
0
100
CHANGE IN DETECTION LEVEL (ppm)
20
18
16
14
12
10
8
6
4
2
0
6801 G24
TA = –40°C TO 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com