Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6801 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC6801 Datasheet HTML 10Page - Analog Devices LTC6801 Datasheet HTML 11Page - Analog Devices LTC6801 Datasheet HTML 12Page - Analog Devices LTC6801 Datasheet HTML 13Page - Analog Devices LTC6801 Datasheet HTML 14Page - Analog Devices LTC6801 Datasheet HTML 15Page - Analog Devices LTC6801 Datasheet HTML 16Page - Analog Devices LTC6801 Datasheet HTML 17Page - Analog Devices LTC6801 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC6801
14
Rev. F
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 2. Serial Connection of Status Lines for Multiple
LTC6801s on the Same PCB (Simplified Schematic, Not All
Components Shown)
TOP OF
STACK
BOTTOM
OF STACK
CLOCK OUT
WHEN ALL
CELLS GOOD
USER SUPPLIED
CLOCK IN
OV1
OV0
UV1
UV0
HYST
CC1
CC0
SLT
SLTOK
DC
EOUT
EOUT
SIN
SIN
SOUT
SOUT
EIN
EIN
LTC6801
6801 F02
V+
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
V–
VTEMP1
VTEMP2
VREF
VREG
OV1
OV0
UV1
UV0
HYST
CC1
CC0
SLT
SLTOK
DC
EOUT
EOUT
SIN
SIN
SOUT
SOUT
EIN
EIN
LTC6801
V+
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
V–
VTEMP1
VTEMP2
VREF
VREG
OV1
OV0
UV1
UV0
HYST
CC1
CC0
SLT
SLTOK
DC
EOUT
EOUT
SIN
SIN
SOUT
SOUT
EIN
EIN
LTC6801
V+
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
V–
VTEMP1
VTEMP2
VREF
VREG
Figure 3. Independent Status Lines for Multiple LTC6801s on the
Same PCB (Simplified Schematic, Not All Components Shown)
TOP OF
STACK
BOTTOM
OF STACK
ALL CLOCKS
OUT WHEN ALL
CELLS GOOD
PROGRAMMED CONDITIONS:
CONTINUOUS MONITOR MODE
OV = 4.116V
UV = 2.106V
HYST = 250mV (UV), 100mV (OV)
CC = 12
USER SUPPLIED
CLOCK IN
OV1
OV0
UV1
UV0
HYST
CC1
CC0
SLT
SLTOK
DC
EOUT
EOUT
SIN
SIN
SOUT
SOUT
EIN
EIN
LTC6801
6801 F03
V+
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
V–
VTEMP1
VTEMP2
VREF
VREG
OV1
OV0
UV1
UV0
HYST
CC1
CC0
SLT
SLTOK
DC
EOUT
EOUT
SIN
SIN
SOUT
SOUT
EIN
EIN
LTC6801
V+
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
V–
VTEMP1
VTEMP2
VREF
VREG
OV1
OV0
UV1
UV0
HYST
CC1
CC0
SLT
SLTOK
DC
EOUT
EOUT
SIN
SIN
SOUT
SOUT
EIN
EIN
LTC6801
V+
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
V–
VTEMP1
VTEMP2
VREF
VREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com