Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6801 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6801 Datasheet HTML 7Page - Analog Devices LTC6801 Datasheet HTML 8Page - Analog Devices LTC6801 Datasheet HTML 9Page - Analog Devices LTC6801 Datasheet HTML 10Page - Analog Devices LTC6801 Datasheet HTML 11Page - Analog Devices LTC6801 Datasheet HTML 12Page - Analog Devices LTC6801 Datasheet HTML 13Page - Analog Devices LTC6801 Datasheet HTML 14Page - Analog Devices LTC6801 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC6801
11
Rev. F
For more information www.analog.com
BLOCK DIAGRAM OF ENABLE IN/OUT AND STATUS IN/OUT
THE FREQUENCY MATCH
DETECT OUTPUT GOES
HIGH WHEN SIN AND EIN
ARE THE SAME FREQUENCY
SOUT IS ACTIVE WHEN
1) EIN IS ACTIVE
2) SIN AND EIN ARE THE SAME FREQUENCY
3) ALL READINGS ARE “GOOD”
THE SIGNAL IS
HIGH WHEN
ALL READINGS
ARE “GOOD”
THE CLK DETECT
OUTPUT GOES
HIGH WHEN EIN IS
2kHz TO 40kHz
6801 BDa
VREG
VREG
–
+
VREG
VREG
FREQUENCY
MATCH
DETECT
CLK
DETECT
EOUT
SIN
300k
300k
300k
300k
300k
300k
300k
300k
EIN
SOUT
EIN
SIN
SOUT
EOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com