Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6801 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6801 Datasheet HTML 9Page - Analog Devices LTC6801 Datasheet HTML 10Page - Analog Devices LTC6801 Datasheet HTML 11Page - Analog Devices LTC6801 Datasheet HTML 12Page - Analog Devices LTC6801 Datasheet HTML 13Page - Analog Devices LTC6801 Datasheet HTML 14Page - Analog Devices LTC6801 Datasheet HTML 15Page - Analog Devices LTC6801 Datasheet HTML 16Page - Analog Devices LTC6801 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC6801
13
Rev. F
For more information www.analog.com
APPLICATIONS INFORMATION
ENABLE INPUTS
In order to support stacked operation, the LTC6801 is
enabled through a differential signal chain encompassing
the EIN/EIN, EOUT/EOUT, and SIN/SIN pins.
The LTC6801 will be enabled if a differential square wave
with a frequency between 2kHz and 40kHz is applied at
EIN/EIN. Otherwise, the LTC6801 will default to a low
power idle mode.
If the differential signal at SIN/SIN is not equal in fre-
quency to the differential signal output at EOUT/EOUT,
the LTC6801 will be enabled but SOUT will be held at 0V
and SOUT will be held at VREG.
For the simplest operation in a single chip configuration,
EOUT should be connected directly to SIN and EOUT
should be connected directly to SIN, and a square wave
with a frequency between 2kHz and 40kHz should be
applied differentially to EIN and EIN. For enable clock fre-
quencies up to 10kHz, a single-ended square wave with
a 5V swing may be used at EIN while a 1nF capacitor is
connected from EIN to V–.
STATUS OUTPUT
If the chip is properly enabled (EIN/EIN, SIN/SIN are the
same frequency), all cells are within the undervoltage
and overvoltage thresholds, and the voltage at VTEMP1
and VTEMP2 is over one half VREF, the differential output
at SOUT/SOUT will toggle at the same frequency and in
phase with the signal at EIN/EIN. Otherwise, SOUT will be
low and SOUT will be high.
The maximum delay between when a bad cell voltage
occurs and when it is detected depends on the measure-
ment duty cycle setting. The SOUT clock turns on or off
at the end of each measurement cycle. Figure 4 shows the
maximum detection delay in continuous monitor mode
(DC pin tied to VREG).
Note: If an internal self test occurs immediately after the
fault, the maximum detection delay will be increased by
an additional measurement cycle time.
FAULT PROTECTION
Overview
Care should always be taken when using high energy
sources such as batteries. There are countless ways that
systems can be [mis-]configured during the assembly
and service procedures that can impact a battery’s long
term performance. Table 6 shows various situations to
consider when planning protection circuitry.
Battery Interconnection Integrity
Please note: The last condition shown in the FMEA table
could cause catastrophic IC failures. In this case, the bat-
tery string integrity is lost within a cell group monitored by
an LTC6801. This condition could place excessive stress
on certain cell input signal clamp-diodes and probably
lead to IC failure. If this scenario seems at all likely in a
particular application, series fuses and parallel Schottky
diodes should be connected as shown in Figure 5 to limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com