Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6801 Datasheet(HTML) 3 Page - Analog Devices

  LTC6801 Datasheet HTML 1Page - Analog Devices LTC6801 Datasheet HTML 2Page - Analog Devices LTC6801 Datasheet HTML 3Page - Analog Devices LTC6801 Datasheet HTML 4Page - Analog Devices LTC6801 Datasheet HTML 5Page - Analog Devices LTC6801 Datasheet HTML 6Page - Analog Devices LTC6801 Datasheet HTML 7Page - Analog Devices LTC6801 Datasheet HTML 8Page - Analog Devices LTC6801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC6801
3
Rev. F
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, V+ = 43.2V, V– = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Specifications
VERR
Overvoltage (OV) or Undervoltage (UV)
Detection Level Error
(Note 2)
2.106V ≤ VCELL ≤ 4.498V
2.106V ≤ VCELL ≤ 4.498V
1.531V ≤ VCELL < 2.106V
1.531V ≤ VCELL < 2.106V
VCELL = 0.766V
VCELL = 0.766V
l
l
l
–0.8
–1
–1
–1.3
–1.5
–2
0.8
1
1
1.3
1.5
2
%
%
%
%
%
%
VS
Supply Voltage, V+ Relative to V–
VERR Specifications Met
l
10
50
V
VCELL
Cell Voltage Range
Full Scale Voltage Range
5
V
VCM
Common Mode Voltage Range Measured
Relative to V–
VERR Specifications Met
Range of Inputs Cn, n = 3 to 11
Range of Input C2
Range of Input C1
l
l
l
1.8
1.2
0
5 • n
10
5
V
V
V
VTV
Temperature Input Detection Level Error
(Relative to VREF/2)
10V < V+ < 50V
l
–13
17
mV
HYS
UV/OV Detection Hysteresis Error
(Relative to Selected Value)
10V < V+ < 50V
l
–25
25
%
VREF
Reference Pin Voltage
VREF Pin Loaded With 100k to V–
l
3.043
3.038
3.058
3.058
3.073
3.078
V
V
Reference Voltage Temperature Coefficient
8
ppm/˚C
Reference Voltage Hysteresis
50
ppm
Reference Voltage Long Term Drift
60
ppm/√khr
VREG
Regulator Pin Voltage
10V < VS < 50V, No Load
LTC6801IG
LTC6801HG
10V < VS < 50V, ILOAD = 1mA
LTC6801IG
LTC6801HG
l
l
l
l
4.5
4.5
4.1
4.1
5
5
4.8
4.8
5.5
5.7
V
V
V
V
Regulator Pin Short Circuit Current Limit
l
5
9
mA
IB
Input Bias Current
In/Out of Pins C1 Thru C12
When Measuring Cells During Self Test
When Measuring Cells
When Idle
l
–10
100
1
10
µA
µA
nA
IM
Supply Current, Monitor Mode
Current Into the V+ Pin While Monitoring
for UV and OV Conditions, FENA = 10kHz
Continuous Monitoring
Continuous Monitoring
Monitor Every 130ms (Note 3)
Monitor Every 500ms (Note 3)
l
l
l
600
500
110
50
750
750
200
100
1000
1100
320
160
µA
µA
µA
µA
IQS
Supply Current, Idle
Current into the V+ Pin When Idle, FENA = 0
LTC6801IG
LTC6801HG
l
l
23
20
23
20
30
30
30
30
42
45
42
48
µA
µA
µA
µA
LTC6801 Timing Specifications
TCYCLE
Measurement Cycle Time
DC = CC1 = CC0 = VREG
l
13
15.5
19
ms
FENA
Valid EIN/EIN Frequency
l
2
40
kHz
TENA
Valid EIN/EIN Period = 1/ FENA
l
25
500
µs
DCENA
Valid EIN/EIN Duty Cycle
FENA = 40kHz
l
40
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com