Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6801 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC6801 Datasheet HTML 16Page - Analog Devices LTC6801 Datasheet HTML 17Page - Analog Devices LTC6801 Datasheet HTML 18Page - Analog Devices LTC6801 Datasheet HTML 19Page - Analog Devices LTC6801 Datasheet HTML 20Page - Analog Devices LTC6801 Datasheet HTML 21Page - Analog Devices LTC6801 Datasheet HTML 22Page - Analog Devices LTC6801 Datasheet HTML 23Page - Analog Devices LTC6801 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC6801
20
Rev. F
For more information www.analog.com
2.2k
10k
NTC
B = 3380
10k
NTC
B = 3380
2.2k
0.5µF
V+
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
V–
VTEMP1
VTEMP2
VREF
VREG
OV1
OV0
UV1
UV0
HYST
CC1
CC0
SLT
SLTOK
DC
EOUT
EOUT
SIN
SIN
SOUT
SOUT
EIN
EIN
LTC6801
6801 F10
0.5µF
LT6003
APPLICATIONS INFORMATION
is complete, and the SLTOK status will be valid when the
self test completes. The worst case delay before SLTOK is
valid in continuous monitor mode is approximately 15ms
for the current cycle to complete plus 17ms for the self
test to complete.
The 6802-1 can measure the LTC6801 reference, which
will independently test the analog circuitry of the LTC6802.
CELL-VOLTAGE FILTERING
The LTC6801 employs a sampling system to perform its
analog-to-digital conversions and provides a conversion
result that is essentially an average over the 0.5ms con-
version window. If there is significant noise at frequen-
cies near 500kHz there may be aliasing in the delta-sigma
modulator. A lowpass filter with 30dB attenuation at
500kHz may be beneficial. Since the delta-sigma integra-
tion bandwidth is about 1kHz, the filter corner need not
be lower than this to assure accurate conversions.
Figure 10. Buffering VREF for Higher-Current Sensors.
Two Independent Probes With a +70°C Trip Point
Figure 9. Driving Thermistors Directly from VREF.
Two Independent Probes With a +60°C Trip Point
100k
500k
NTC
B = 4567
500k
NTC
B = 4567
100k
1µF
V+
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
V–
VTEMP1
VTEMP2
VREF
VREG
OV1
OV0
UV1
UV0
HYST
CC1
CC0
SLT
SLTOK
DC
EOUT
EOUT
SIN
SIN
SOUT
SOUT
EIN
EIN
LTC6801
6801 F09
1µF
Figure 8. Adding RC Filtering to the Cell inputs
6801 F08
V–
C1
C2
C3
1k
10nF
1k
10nF
1k
10nF
Series resistors of 1k may be inserted in the input paths
without introducing measurement error. Shunt capacitors
may be added from the cell inputs to V–, creating RC filter-
ing as shown in Figure 8. The combination of 1k and 10nF
is recommended as a robust, cost effective noise filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com