Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6801 Datasheet(HTML) 2 Page - Analog Devices

  LTC6801 Datasheet HTML 1Page - Analog Devices LTC6801 Datasheet HTML 2Page - Analog Devices LTC6801 Datasheet HTML 3Page - Analog Devices LTC6801 Datasheet HTML 4Page - Analog Devices LTC6801 Datasheet HTML 5Page - Analog Devices LTC6801 Datasheet HTML 6Page - Analog Devices LTC6801 Datasheet HTML 7Page - Analog Devices LTC6801 Datasheet HTML 8Page - Analog Devices LTC6801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC6801
2
Rev. F
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–).................................60V
Input Voltage (Relative to V–)
C1 ............................................................ –0.3V to 9V
C12 ...........................................V+ –0.3V to V+ + 0.3V
All Other Pins (Not C Inputs) ................... –0.3V to 7V
Voltage Between Inputs
Cn to Cn-1* .............................................. –0.3V to 9V
C12 to C8............................................... –0.3V to 25V
C8 to C4................................................. –0.3V to 25V
C4 to V– ................................................. –0.3V to 25V
Operating Temperature Range
LTC6801I .............................................–40°C to 85°C
LTC6801H.......................................... –40°C to 125°C
Specified Temperature Range
LTC6801I .............................................–40°C to 85°C
LTC6801H.......................................... –40°C to 125°C
Junction Temperature ........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
*n = 2 to 12
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
TJMAX = 150°C, θJA = 70°C/W
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
V+
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
V–
VTEMP1
VTEMP2
VREF
VREG
OV1
OV0
UV1
UV0
HYST
CC1
CC0
SLT
SLTOK
DC
EOUT
EOUT
SIN
SIN
SOUT
SOUT
EIN
EIN
ORDER INFORMATION
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6801IG#PBF
LTC6801IG#TRPBF
LTC6801G
36-Lead Plastic SSOP
–40°C to 85°C
LTC6801IG#3ZZPBF
LTC6801IG#3ZZTRPBF
LTC6801G
36-Lead Plastic SSOP
–40°C to 85°C
LTC6801HG#PBF
LTC6801HG#TRPBF
LTC6801G
36-Lead Plastic SSOP
–40°C to 125°C
LTC6801HG#3ZZPBF
LTC6801HG#3ZZTRPBF
LTC6801G
36-Lead Plastic SSOP
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
Versions of the LTC6801 models are available with controlled manufacturing to support the quality and reliability requirements of automotive applications.
These models are available with #WTRPBF, #WPBF or #ZZPBF suffix and are listed in ADI’s ARPL.
Note that these automotive models may have specifications that differ from the commercial models; therefore designers should review the Electrical
Characteristics section of this data sheet carefully. Only the automotive grade products shown are available for use in automotive applications. Contact
your local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com