Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6801 Datasheet(HTML) 1 Page - Analog Devices

  LTC6801 Datasheet HTML 1Page - Analog Devices LTC6801 Datasheet HTML 2Page - Analog Devices LTC6801 Datasheet HTML 3Page - Analog Devices LTC6801 Datasheet HTML 4Page - Analog Devices LTC6801 Datasheet HTML 5Page - Analog Devices LTC6801 Datasheet HTML 6Page - Analog Devices LTC6801 Datasheet HTML 7Page - Analog Devices LTC6801 Datasheet HTML 8Page - Analog Devices LTC6801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC6801
1
Rev. F
For more information www.analog.com
APPLICATIONS
n
Redundant Battery Monitor
n
Hybrid Electric Vehicles
n
Battery Backup Systems
n
Power Systems Using Multiple Battery Cells
n
Qualified for Automotive Applications
n
Monitors Up to 12 Li-Ion Cells in Series (60V Max)
n
Stackable Architecture Enables >1000V Systems
n
1% Maximum Overvoltage Detection Level Error
n
Adjustable Overvoltage and Undervoltage Detection
n
Self Test Features Guarantee Accuracy
n
Robust Fault Detection Using Differential Signals
n
Simple Pin-Strapped Configuration Allows Battery
Monitoring without a Microcontroller
n
15.5ms to Monitor All Cells in a System
n
Programmable Response Time
n
Two Temperature Monitor Inputs
n
Low Power Idle Mode
n
36-Lead SSOP Package
–40
20
95
–10
50
110 125
5
80
–25
35
65
TEMPERATURE (°C)
1.0
–0.8
0.8
0.4
0
–0.4
0.6
0.2
–0.2
–0.6
–1.0
6801 TA01b
V+ = 43.2V
OV = 4.116V
5 TYPICAL UNITS
BLOCK DIAGRAM
DESCRIPTION
Independent Multicell
Battery Stack Fault Monitor
The LTC®6801 is a multicell battery monitoring IC incor-
porating a 12-bit ADC, a precision voltage reference, sam-
pled comparator, and a high voltage input multiplexer. The
LTC6801 can monitor as many as 12 series connected
battery cells for overvoltage, undervoltage, and over-
temperature conditions, indicating whether the cells are
within specified parameters. The LTC6801 generates a
clock output when no fault conditions exist. Differential
clocking provides high noise immunity and ensures that
battery stack fault conditions cannot be hidden by frozen
bits or short circuit conditions.
Each LTC6801 can operate with a battery stack voltage up
to 60V and multiple LTC6801 devices can be stacked to
monitor each individual cell in a long battery string. When
multiple devices are stacked, the status signal of each
LTC6801 can be daisy-chained, without opto-couplers or
isolators, providing a single status output for the entire
battery string.
The LTC6801 is configurable by external pin strapping.
Adjustable overvoltage and undervoltage thresholds sup-
port various Li-Ion chemistries. Selectable measurement
times allow users to save power.
FEATURES
6801 TA01a
1
2
3
12
13
20
22
14
15
16
VREF
VTEMP1
VTEMP2
NTC
NTC
C1
C2
C11
C12
V+
V–
NEXT LOWER
CELL PACK
NEXT HIGHER
CELL PACK
12
MUX
“CELLS GOOD”
ENABLE
INPUT
ISOLATION
CLOCK SIGNAL
INPUT ENABLES
THE LTC6801
CLOCK SIGNAL
OUTPUT INDICATES
SYSTEM “OK”
STATUS
OUTPUT
CONTROL
LOGIC
17
REFERENCE
LTC6801
ADC
0V Detection Level Error
All registered trademarks and trademarks are the property of their respective owners.
Document Feedback


Similar Part No. - LTC6801

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6801 LINER-LTC6801 Datasheet
264Kb / 28P
Independent Multicell Battery Stack Fault Monitor
LTC6801 LINER-LTC6801 Datasheet
405Kb / 40P
Multicell Battery Stack Monitor
LTC6801 LINER-LTC6801 Datasheet
750Kb / 44P
High Effciency Bidirectional Multicell Battery Balancer
LTC6801IG LINER-LTC6801IG Datasheet
264Kb / 28P
Independent Multicell Battery Stack Fault Monitor
LTC6801IGPBF LINER-LTC6801IGPBF Datasheet
264Kb / 28P
Independent Multicell Battery Stack Fault Monitor
More results

Similar Description - LTC6801

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6802-1 LINER-LTC6802-1 Datasheet
262Kb / 32P
Multicell Battery Stack Monitor
LTC6801 LINER-LTC6801 Datasheet
264Kb / 28P
Independent Multicell Battery Stack Fault Monitor
LTC6803-1 LINER-LTC6803-1 Datasheet
424Kb / 40P
Multicell Battery Stack Monitor
LTC6803-2 LINER-LTC6803-2 Datasheet
405Kb / 40P
Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1_15 Datasheet
335Kb / 38P
Multicell Battery Stack Monitor
LTC6801 LINER-LTC6801_15 Datasheet
276Kb / 28P
Independent Multicell Battery Stack Fault Monitor
LTC6803-1 LINER-LTC6803-1_15 Datasheet
427Kb / 40P
Multicell Battery Stack Monitor
LTC6803-2 LINER-LTC6803-2_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
LTC6803-3 LINER-LTC6803-3_15 Datasheet
427Kb / 40P
Multicell Battery Stack Monitor
LTC6803-4 LINER-LTC6803-4_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com