Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6801 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC6801 Datasheet HTML 13Page - Analog Devices LTC6801 Datasheet HTML 14Page - Analog Devices LTC6801 Datasheet HTML 15Page - Analog Devices LTC6801 Datasheet HTML 16Page - Analog Devices LTC6801 Datasheet HTML 17Page - Analog Devices LTC6801 Datasheet HTML 18Page - Analog Devices LTC6801 Datasheet HTML 19Page - Analog Devices LTC6801 Datasheet HTML 20Page - Analog Devices LTC6801 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC6801
17
Rev. F
For more information www.analog.com
6801 F06
LTC6801
SLT
HYST
UV0
CC1
CC0
SLTOK
DC
C1
C2
C3
C4
C5
C6
C7
OV0
VREF
VTEMP2
VREG
OV1
UV1
EIN
SOUT
SOUT
EIN
VTEMP1
EOUT
EOUT
SIN
SIN
C8
C9
C10
C11
C12
V+
ZCLAMP
ZCLAMP
ZCLAMP
V–
APPLICATIONS INFORMATION
Figure 5. Using Fuses and Diodes for Cell Input
Protection (One Cell Connection Shown)
6801 F05
PROTECT
AGAINST
BREAKS
HERE
Cn
Cn – 1
stress on the IC inputs. The diodes used in this situation
need current ratings sufficient to open the protective fuse
in the battery tap signal.
Internal Protection Structure
The LTC6801 incorporates a number of protective struc-
tures, including parasitic diodes, Zener-like overvoltage
suppressors, and other internal features that provide
protection against ESD and certain overstress conditions
that could arise in practice. Figure 6 shows a simplified
internal schematic that indicates the significant protec-
tive structures and their connectivity. The various diodes
indicate the approximate current versus voltage charac-
teristics that are intrinsic to the part, which is useful in
analyzing responses to certain external stresses, such as
during a hot-start scenario.
SELF TEST CIRCUITRY
The LTC6801 has internal circuitry that performs a peri-
odic self test of all measurement functions. The LTC6801
self test circuitry is intended to prevent undetectable
failure modes. Accuracy and functionality of the voltage
reference and comparator are verified, as well as function-
ality of the high voltage multiplexer and ADC decimation
Figure 6. Internal Protection Structures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com