Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6801 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC6801 Datasheet HTML 17Page - Analog Devices LTC6801 Datasheet HTML 18Page - Analog Devices LTC6801 Datasheet HTML 19Page - Analog Devices LTC6801 Datasheet HTML 20Page - Analog Devices LTC6801 Datasheet HTML 21Page - Analog Devices LTC6801 Datasheet HTML 22Page - Analog Devices LTC6801 Datasheet HTML 23Page - Analog Devices LTC6801 Datasheet HTML 24Page - Analog Devices LTC6801 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC6801
21
Rev. F
For more information www.analog.com
MEASURING VARIOUS CELL COUNTS
The LTC6801 is designed to measure up to 12 cells
depending on the state of the CC pins (See Table 5). When
using an LTC6801 configured for measuring less than 12
cells, for instance choosing to measure 8 cells by tying
both CC1 and CC0 to the VREF pin, the highest cell poten-
tial (in this case C8) must be connected to the V+ pin for
proper operation. Unused cell connection pins (in this
case C9 to C12) may be left floating or may also be tied
to the highest cell potential.
READING EXTERNAL TEMPERATURE PROBES
The LTC6801 includes two channels of ADC input, VTEMP1
and VTEMP2, that are intended to monitor thermistors
(tempco about –4%/°C generally) or diodes (–2.2mV/°C
typical) located within the cell array. Sensors can be pow-
ered directly from VREF as shown in Figure 9 (up to 30µA
typical).
The temperature measurement inputs (VTEMP1, VTEMP2)
of the LTC6801 are comparator input channels with a
voltage threshold of one-half VREF. Input voltages above
half VREF are considered good. Voltages below the one-
half VREF threshold are considered a fault condition. The
inputs may be used in combination with resistors, therm-
istors, or diodes to sense both an upper and lower tem-
perature limit. Figure 9, Figure 10 and Figure 11 illustrate
some possibilities. To ignore these inputs simply con-
nect VTEMP1 and VTEMP2 to VREF. A filtering capacitor to
V– is recommended to minimize the error caused by the
approximately 700k input impedance of the ADC.
For sensors that require higher drive currents, a buffer
amplifier may be used as shown in Figure 10. Power for
the sensor is actually sourced indirectly from the VREG pin
in this case. Probe loads up to about 1mA maximum are
supported in this configuration. Since VREF is shut down
while the LTC6801 is idle between measurement cycles,
the thermistor drive is also shut off and thus power dis-
sipation is minimized. Since VREG remains always-on, the
buffer op amp (LT6003 shown) is selected for its ultralow
current consumption (10µA).
For circuits that include filtering capacitance, note that
only the fastest DC setting (VREG connection) will keep
VREF steady and allow the VTEMP voltages to settle. To use
the lower power DC settings, VREF must be buffered (see
Figure 10), so that a low impedance is presented to the
ADC, with a time constant of no more than about 1ms.
ADVANTAGES OF DELTA-SIGMA ADCs
The LTC6801 employs a delta-sigma analog to digital
converter for voltage measurement. The architecture of
delta-sigma converters can vary considerably, but the
common characteristic is that the input is sampled many
times over the course of a conversion and then filtered or
averaged to produce the digital output code.
Figure 11. Sensing Both Upper and Lower Temperature
Thresholds. This Example Monitors a –20°C to +60°C Window
Detector. The Thermistors Should Be in Close Proximity
100k
500k
NTC
B = 4567
100k
NTC
B = 4250
1150k
1µF
V+
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
V–
VTEMP1
VTEMP2
VREF
VREG
OV1
OV0
UV1
UV0
HYST
CC1
CC0
SLT
SLTOK
DC
EOUT
EOUT
SIN
SIN
SOUT
SOUT
EIN
EIN
LTC6801
6801 F11
1µF
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com