Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6801 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC6801 Datasheet HTML 4Page - Analog Devices LTC6801 Datasheet HTML 5Page - Analog Devices LTC6801 Datasheet HTML 6Page - Analog Devices LTC6801 Datasheet HTML 7Page - Analog Devices LTC6801 Datasheet HTML 8Page - Analog Devices LTC6801 Datasheet HTML 9Page - Analog Devices LTC6801 Datasheet HTML 10Page - Analog Devices LTC6801 Datasheet HTML 11Page - Analog Devices LTC6801 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC6801
8
Rev. F
For more information www.analog.com
PIN FUNCTIONS
V+ (Pin 1): Supply Voltage. Tied to the most positive
potential in the battery stack. For example, the same
potential as C12 when measuring a stack of 12 cells, or
the same potential as C7 when measuring a stack of 7
cells.
C12, C11, … C1 (Pin 2 to Pin 13): Cell Voltage Inputs.
Up to 12 cells can be monitored. The lowest potential
is tied to V–. The next lowest potential is tied to C1 and
so forth. Due to internal overvoltage protection, each
C input must be tied to a potential equal to or greater
than the next lower numbered C input. See the figures
in the Applications Information section for more details
on connecting batteries to the LTC6801. See Electrical
Characteristics table for voltage range and input bias
current requirements.
V– (Pin 14): Tied to the most negative cell potential (bot-
tom of monitored cell stack).
VTEMP1, VTEMP2 (Pin 15, Pin 16): Temperature Sensor
Inputs. The ADC will measure the voltages on VTEMP1
and VTEMP2 relative to V–. The ADC measurements are
referenced to the VREF pin voltage. Therefore a simple
thermistor and resistor combination connected to the
VREF pin can be used to monitor temperature. These pins
have a fixed undervoltage threshold equal to one half VREF.
A filtering capacitor to V– is recommended. Temperature
sensor input pins may be tied to VREF to disable.
VREF (Pin 17): Reference Output, Nominally 3.058V.
Re-quires a 1µF bypass capacitor to V–. The VREF pin can
drive a 100k resistive load connected to V–. VREF must
be buffered with an LT6003 amplifier, or similar device to
drive heavier loads. VREF becomes high impedance when
the IC is disabled or idle between monitoring events.
VREG (Pin 18): Regulator Output, Nominally 5V. Requires
a 1µF bypass capacitor to V–. The VREG pin is capable of
supplying up to 1mA to an external load and is continually
enabled.
EIN, EIN (Pin 19, Pin 20): Differential Enable Input. A
clock signal greater than 2kHz will enable the LTC6801.
For operation with a single-ended enable signal (up to
10kHz), drive EIN and connect a 1nF capacitor from EIN
to V–.
SOUT, SOUT (Pin 21, Pin 22): Differential Status Output.
Swings V– to VREG. This output will toggle at the same
frequency as EIN/EIN when a valid signal is detected at SIN/
SIN and the battery stack being monitored is within spec-
ified parameters, otherwise SOUT is low and SOUT high.
SIN, SIN (Pin 23, Pin 24): Differential status input from
the IC above. To indicate that the stack is good, SIN must
be the same frequency and phase as EIN. See applications
circuits for interfacing SIN to the SOUT above.
EOUT, EOUT (Pin 25, Pin 26): A Buffered Version of EIN/
EIN. Swings V– to VREG. Must be capacitively coupled to
the EIN/EIN inputs of the next higher voltage LTC6801 in a
stack, or looped to SIN/SIN of the same chip (pins 23, 24).
DC (Pin 27): Duty Cycle Three-Level Input. This pin may
be tied to VREG, VREF or V–. The DC pin selects the duty
cycle of the monitoring function and has an internal
pull-up to VREG. See Table 3.
SLTOK (Pin 28): Self Test Logic Output. SLTOK is held
HIGH (VREG voltage) upon reset or successful comple-
tion of a self test cycle. A LOW output level (V– voltage)
indicates the last self test cycle failed.
SLT (Pin 29): Self Test Open Collector Input/Output.
SLT initiates a self test cycle when it is pulled low exter-
nally. When a high to low transition is detected, the next
scheduled measurement cycle will be a self test cycle. SLT
indicates a self test cycle is in progress when pulled low
internally. A self test is automatically initiated after 1024
measurement cycles. This pin has an internal pull-up to
VREG.
CC0, CC1 (Pin 30, Pin 31): Cell Count Three-Level Inputs.
These pins may be tied to VREG, VREF or V–. CC1 and CC0
select the number of cells attached to the device and each
pin has an internal pull-up to VREG. See Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com