Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6801 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC6801 Datasheet HTML 8Page - Analog Devices LTC6801 Datasheet HTML 9Page - Analog Devices LTC6801 Datasheet HTML 10Page - Analog Devices LTC6801 Datasheet HTML 11Page - Analog Devices LTC6801 Datasheet HTML 12Page - Analog Devices LTC6801 Datasheet HTML 13Page - Analog Devices LTC6801 Datasheet HTML 14Page - Analog Devices LTC6801 Datasheet HTML 15Page - Analog Devices LTC6801 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC6801
12
Rev. F
For more information www.analog.com
OVERVIEW
The LTC6801 is designed as an easy to implement, low-
cost battery stack monitor that provides a simple indica-
tion of correct battery stack operation without requiring
a microcontroller interface. For battery stack monitoring
with cell voltage read back and discharge circuitry, refer
to the LTC6802 battery stack monitor data sheet.
The LTC6801 contains a 12-bit ADC, a precision volt-
age reference, sampled comparator, high voltage multi-
plexer and timer/sequencer. During normal operation, the
sequencer multiplexes the ADC inputs between each of
the channel input pins in turn, performing a single com-
parison to the undervoltage and overvoltage thresholds.
The VTEMP inputs are also monitored for an undervoltage
at a fixed threshold of VREF/2.
The presence of a status output clock indicates the system
is “OK”. Because the status output is dynamic, it cannot
get stuck in the “OK” state.
STACKED OPERATION
Each LTC6801 monitors a group of up to 12 series con-
nected cells. Groups of cells can be connected in series
or parallel to form a large battery pack. The LTC6801s can
be daisy chained with simple capacitive or transformer
coupling. This allows every cell in a large battery pack
to be monitored with a single signal. Figure 2 illustrates
monitoring of 36 series connected cells.
To cancel systematic duty cycle distortion through the
clock buffers, it is recommended that the clock lines are
cross-coupled (EOUT goes to EIN etc.) as they route up
and down the stack as shown in Figure 2.
APPLICATIONS INFORMATION
INDEPENDENT OPERATION
Figure 3 shows how three groups of 12 cells can be mon-
itored independently.
REGULATED OUTPUTS
A regulated voltage is provided at the VREG pin, biased
from the battery stack. The VREG pin can supply up to 1mA
at 5V and may be used to power small external circuits.
The regulated output remains at 5V continually, as long
as the total stack voltage is between 10V and 50V.
A low current, precision reference voltage is provided at
the VREF pin, which can drive loads of greater than 100k.
The VREF output is high impedance when the LTC6801
is idle.
Both the VREG and VREF pins must be bypassed to V– with
a 1µF capacitor.
CONTROL INPUTS
The LTC6801 thresholds are controlled by the UV1, UV0,
OV1 and OV0 pins. These pins are designed to be tied
directly to VREG, VREF or V– in order to set the comparison
thresholds for all channels simultaneously. The pins are
not designed to be variable. In particular, changes made
to the pins while the chip is not in idle mode may result in
unpredictable behavior. See Table 1 and Table 2 for setting
and threshold information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com