Electronic Components Datasheet Search
  English  ▼

X  

LTC6801 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC6801
Description  Independent Multicell Battery Stack Fault Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6801 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC6801 Datasheet HTML 5Page - Analog Devices LTC6801 Datasheet HTML 6Page - Analog Devices LTC6801 Datasheet HTML 7Page - Analog Devices LTC6801 Datasheet HTML 8Page - Analog Devices LTC6801 Datasheet HTML 9Page - Analog Devices LTC6801 Datasheet HTML 10Page - Analog Devices LTC6801 Datasheet HTML 11Page - Analog Devices LTC6801 Datasheet HTML 12Page - Analog Devices LTC6801 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC6801
9
Rev. F
For more information www.analog.com
PIN FUNCTIONS
HYST (Pin 32): Hysteresis Three-Level Input. This pin
may be tied to VREG, VREF or V–. HYST selects the amount
of hysteresis applied to the undervoltage and overvoltage
threshold settings and has an internal pull-down to V–.
See Table 4.
UV0, UV1 (Pin 33, Pin 34): Undervoltage Three-Level
Inputs. These pins may be tied to VREG, VREF or V–. UV1
and UV0 select the undervoltage threshold and each pin
has an internal pull-up to VREG. See Table 2.
OV0, OV1 (Pin 35, Pin 36): Overvoltage Three-Level
Inputs. These pins may be tied to VREG, VREF or V–. OV1
and OV0 select the overvoltage threshold and each pin
has an internal pull-down to V–. See Table 1.
Table 1. Overvoltage Inputs
OV1
OV0
OVERVOLTAGE THRESHOLD (V)
VREG
VREG
4.498
VREG
VREF
4.403
VREG
V–
4.307
VREF
VREG
4.211
VREF
VREF
4.116
VREF
V–
4.020
V–
VREG
3.924
V–
VREF
3.828
V–
V–
3.733
Table 2. Undervoltage Inputs
UV1
UV0
UNDERVOLTAGE THRESHOLD (V)
VREG
VREG
2.871
VREG
VREF
2.680
VREG
V–
2.489
VREF
VREG
2.297
VREF
VREF
2.106
VREF
V–
1.914
V–
VREG
1.723
V–
VREF
1.531
V–
V–
0.766
Table 3. Duty Cycle Select
DC
NOMINAL CYCLE TIME*
VREG
15.5ms
VREF
Approximately 130ms
V–
Approximately 500ms
*Cycle time based on LTC6801 measuring 12 cells and 2 temperatures.
Table 4. Hysteresis Select
HYST
UV HYSTERESIS*
OV HYSTERESIS
VREG
500mV
200mV
VREF
250mV
100mV
V–
0mV
0mV
*UV hysteresis is disabled when the undervoltage threshold is set to 0.766V.
Table 5. Cell Count Select
CC1
CC0
CELL COUNT
VREG
VREG
12
VREG
VREF
11
VREG
V–
10
VREF
VREG
9
VREF
VREF
8
VREF
V–
7
V–
VREG
6
V–
VREF
5
V–
V–
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com