Electronic Components Datasheet Search
  English  ▼

X  

LS1012A Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 11Page - NXP Semiconductors LS1012A Datasheet HTML 12Page - NXP Semiconductors LS1012A Datasheet HTML 13Page - NXP Semiconductors LS1012A Datasheet HTML 14Page - NXP Semiconductors LS1012A Datasheet HTML 15Page - NXP Semiconductors LS1012A Datasheet HTML 16Page - NXP Semiconductors LS1012A Datasheet HTML 17Page - NXP Semiconductors LS1012A Datasheet HTML 18Page - NXP Semiconductors LS1012A Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
http://www.adaptertech.com.tw/24-Watt-ATS024-Series.html?CID=1
The specifications of the DC adapter are as follows:
• Input: 100/240 V AC, 50-60 Hz
• Output: 5 V, 4 A DC power supply adapter (20 W) - Standard
• Connector Size: 5.5 mm (Outside barrel) x 2.1 mm (Inside Barrel), Center positive
The DC jack can provide power up to 3.5 A at 5 V.
Refer to the following table for the estimated power required by each of the board
interface.
SLNO
Description
Power (W)/ QTY 0.9V
1.35V
1.8V
3.3V
5V
QTY
Total Power
Remarks/ Queries
1 LS1012A
1
1
1
Power of 1W assumed.
2 AR8033 SGMII
0.42
2
0.84
420mW exah phy in 1GSGMII - UTP
3 SGTL5000
0.00867
1
0.00867
4 DDR3L(Worst case current IDD4R)
0.297
1
0.297
220mAfor burst read in 1000MT/sfor each x16.
5 QSPI memory
0.045
1
0.045
25mA@1.8V
6 K22 MCU
0.0627
1
0.0627
19mA@3.3Vwhen executingfrom flash.
7 Misc (5 SSO@13mA)
0.117
1
0.117
For other componenets
8 M.2 Type ENGFFSlot
5
1
5
9 USB3.0
5
1
5
10 miKro busclick
0.726
1
0.726
11 SDCard
0.264
1
0.264
Total Power
13.36037
Power from 5V with efficiency of
80%
16.7004625 Watt
Current @5V
3.3400925 A
from 5V, 3.5ADCAdaptor
Figure 2-2. Power estimation
2.2.2 FRWY-LS1012A power supply delivery system
The following table lists the different power supply components used to generate the
various FRWY-LS1012A power supply rails.
Table 2-1. FRWY-LS1012A power supply devices
Sourc
e
volta
ge
rail
Output
voltage rail
Reference
designator
Vendor
Device
Description
5V_IN
P
VCC_5V
J31
DC power jack
5 V at 3.5 A power supply for onboard DC
regulator
VCC_
5V
VCC_3V3
U7
NXP
MC34713EP
3.3 V at 3.2 A power supply for:
• secondary regulator VR5100,
• onboard SGMII PHYs,
• and LS1012A supplies: EVDD and
USB_HVDD
• NGFF slot
Table continues on the next page...
Chapter 2 FRWY-LS1012A Functional Description
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
NXP Semiconductors
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com