Electronic Components Datasheet Search
  English  ▼

X  

LS1012A Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 13Page - NXP Semiconductors LS1012A Datasheet HTML 14Page - NXP Semiconductors LS1012A Datasheet HTML 15Page - NXP Semiconductors LS1012A Datasheet HTML 16Page - NXP Semiconductors LS1012A Datasheet HTML 17Page - NXP Semiconductors LS1012A Datasheet HTML 18Page - NXP Semiconductors LS1012A Datasheet HTML 19Page - NXP Semiconductors LS1012A Datasheet HTML 20Page - NXP Semiconductors LS1012A Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
The following table explains the FRWY-LS1012A voltage regulation.
Table 2-3. FRWY-LS1012A Voltage Regulation
Power
Voltage
Device
Description
Core, VDD
0.9 V (3.5
A max)
VR5100 SW1
Powers the LS1012A SoC Core voltage
G1VDD
1.35 V (1.5
A max)
VR5100 SW3
Powers the LS1012A SoC DDR circuitry
VCC_VREF
0.675 V
VR5100 VREF LDO
XVDD
1.35 V
VR5100 SW3
Powers the LS1012A SoC SerDes I/O circuitry
AVDD_SD1_PLL1
AVDD_SD1_PLL2
SVDD
0.9 V
VR5100 SW1
TH_VDD
1.8 V (1.25
A max)
VR5100 SW2
Thermal monitor unit supply voltage
AVDD_CGA1
AVDD_PLAT
Core, Platform, DDR, and SerDes PLL supply voltages
XOSC_OVDD
OVDD supply for LS1012A crystal oscillator
OVDD
General I/O voltage
USB_SVDD
USB_SDVDD
0.9 V
VR5100 SW1
Powers the LS1012A SoC USB circuitry
USB_HVDD
3.3 V
MC34713
EVDD
3.3 V
MC34713
VCC_2V5
2.5 V
(0.350 A
max)
VR5100 LDO4
Powers the 1.8 V to 2.5 V level translator for EMI1_MDC,
EMI1_MDIO
VCC_POVDD
1.8 V
VR5100 LDO1
Powers the LS1012A SFP fuse programming voltage
2.3 Reset and configuration signals
The reset sequence can be triggered from various sources.
Chapter 2 FRWY-LS1012A Functional Description
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
NXP Semiconductors
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com