Electronic Components Datasheet Search
  English  ▼

X  

LS1012A Datasheet(PDF) 30 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 26Page - NXP Semiconductors LS1012A Datasheet HTML 27Page - NXP Semiconductors LS1012A Datasheet HTML 28Page - NXP Semiconductors LS1012A Datasheet HTML 29Page - NXP Semiconductors LS1012A Datasheet HTML 30Page - NXP Semiconductors LS1012A Datasheet HTML 31Page - NXP Semiconductors LS1012A Datasheet HTML 32Page - NXP Semiconductors LS1012A Datasheet HTML 33Page - NXP Semiconductors LS1012A Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
This section describes the MBED circuit on the FRWY-LS1012A. MBED is an open
standard serial and debug adapter. It bridges serial and debug communications between a
USB host and an embedded target processor, as shown in the figure below.
LS1012A
nRESET
K20 MCU
MSD
bootloader
CMSIS-DAP
application
UART0 Tx/Rx
JTAG signals
GPIO
UART Tx/Rx
GPIO
OpenSDA CMSIS-DAP
USB host
USB
Figure 2-11. CMSIS-DAP
CMSIS-DAP is managed by a Kinetis K20 MCU built on the Arm Cortex-M4 core. The
Kinetis K20 includes an integrated USB controller (USB 2.0 Micro-AB) port that can
operate at clock rates of up to 120 MHz. The CMSIS-DAP circuit includes a status LED.
In addition, signal connections are available to implement a UART serial channel.
CMSIS-DAP features a mass storage device (MSD) boot loader, which provides a quick
and easy mechanism for loading different CMSIS-DAP applications, such as flash
programmers, run control debug interfaces, serial-to-USB converters.
2.17 GPIO pins
On the FRWY-LS1012A board, 1 GPIO pin is connected to the mikroBUS connector.
Table 2-12. FRWY-LS1012A - GPIO mapping
Primary function
GPIO function
Connections on FRWY-LS1012A board
SDHC1_WP
uBUS_GPIO_1[22]
Connects LS1012A to the mikroBus connector on AN pin via
translator
GPIO pins
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
30
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com