Electronic Components Datasheet Search
  English  ▼

X  

LS1012A Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 12Page - NXP Semiconductors LS1012A Datasheet HTML 13Page - NXP Semiconductors LS1012A Datasheet HTML 14Page - NXP Semiconductors LS1012A Datasheet HTML 15Page - NXP Semiconductors LS1012A Datasheet HTML 16Page - NXP Semiconductors LS1012A Datasheet HTML 17Page - NXP Semiconductors LS1012A Datasheet HTML 18Page - NXP Semiconductors LS1012A Datasheet HTML 19Page - NXP Semiconductors LS1012A Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Table 2-1. FRWY-LS1012A power supply devices (continued)
Sourc
e
volta
ge
rail
Output
voltage rail
Reference
designator
Vendor
Device
Description
VCC_
3V3
VCC_0V9
VCC_1V8
VCC_1V35
VCC_VREF
VCC_POVDD
VCC_2V5
VCC_EVDD
U8
NXP
MC34VR5100A1EP Power supply for:
• LS1012A power supplies
• 1.35 V for DDR3L memory
• SerDes, USB
• 1.8 V voltage for QSPI memory, SAI2 port,
general I/O
• 2.5 V for Ethernet PHYs
2.2.3 Power-ON
The FRWY-LS1012A is powered using 5 V DC power adapter through a DC power jack.
The DC power adapter provides 5 V DC voltage. The 5 V voltage powers primary power
supply regulator U7. U7 provides power supply to the secondary regulator U8, the
onboard SGMII PHYs, and the NGFF slot. The secondary regulator, U8, generates power
supply for peripherals, such as QSPI flash memory and LS1012A power supplies.
Table 2-2 describes the Power-ON sequence as implemented on the FRWY-LS1012A.
Table 2-2. Power-ON process
Step
Indication
Specifics
Description
1
5V
• Power supply provided by DC Jack, J31
• Acts as source PS for secondary regulator MC34713
2
3V3
• 3.3 V power supply for onboard SGMII PHYs and LS1012A
supplies: EVDD and USB_HVDD
• Acts as source PS for secondary regulators VR5100
3
1V8, 1V35
Power supplies provided by secondary regulator VR5100
• Provides power to peripherals and LS1012A IO and PLL
supplies (AVDD_PLAT, AVDD_CGA1, TH_VDD,
AVDD_SD1_PLL1, AVDD_SD1_PLL2, OVDD, XOSC_OVDD,
USB_SVDD, USB_SDVDD, G1VDD, VREF, SVDD, and XVDD)
4
0V9
• LS1012A core supplies: VDD
5
Red LED (D3)
• Reset LED is deasserted.
2.2.4 Voltage regulation
Power supplies
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
16
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com