Electronic Components Datasheet Search
  English  ▼

X  

LS1012A Datasheet(PDF) 25 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 21Page - NXP Semiconductors LS1012A Datasheet HTML 22Page - NXP Semiconductors LS1012A Datasheet HTML 23Page - NXP Semiconductors LS1012A Datasheet HTML 24Page - NXP Semiconductors LS1012A Datasheet HTML 25Page - NXP Semiconductors LS1012A Datasheet HTML 26Page - NXP Semiconductors LS1012A Datasheet HTML 27Page - NXP Semiconductors LS1012A Datasheet HTML 28Page - NXP Semiconductors LS1012A Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
2.10 USB interface
The FRWY-LS1012A board supports one SuperSpeed USB 2.0/3.0 port - configured as
On-The-Go (OTG) with a Micro-AB connector. Based on the OTG configuration, the
PHY can either operate in the Type-A or Type-B mode.
The following figure shows the USB 2.0/3.0 PHY architecture on the FRWY-LS1012A.
LS1012A
USB3 Micro - AB
USB1_DRVVBUS
USB1_PWRFAULT
USB1_VBUS
90 Ohm Diff. Impedance
USB1_DP,DM
USB1_TXP,TXM
USB1_RESREF
USB1_RXP,RXM
USB1_ID
NX5P3090UK
<=1.5A
USB1_5V
USB1_5V
5V
Figure 2-8. USB 2.0/3.0 PHY architecture
2.11 I2C ports
The FRWY-LS1012A support one I2C bus:
• The LS1012A I2C1 is attached to the local devices on the FRWY-LS1012A.
• The level shifter device (NTSX2102GU8H) is used on the FRWY-LS1012A I2C1
bus, to convert the LS1012A 1.8 V to 3.3 V signals for the I2C devices, on the
mikroBUS click connectors.
• The I2C1 bus has one possible master - LS1012A processor.
Chapter 2 FRWY-LS1012A Functional Description
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
NXP Semiconductors
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com