Electronic Components Datasheet Search
  English  ▼

X  

LS1012A Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 18Page - NXP Semiconductors LS1012A Datasheet HTML 19Page - NXP Semiconductors LS1012A Datasheet HTML 20Page - NXP Semiconductors LS1012A Datasheet HTML 21Page - NXP Semiconductors LS1012A Datasheet HTML 22Page - NXP Semiconductors LS1012A Datasheet HTML 23Page - NXP Semiconductors LS1012A Datasheet HTML 24Page - NXP Semiconductors LS1012A Datasheet HTML 25Page - NXP Semiconductors LS1012A Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
MDIO
MDC
Ethernet Controller
LS1012A
3V3
3V3
SGMII
MDI_0_P/N
MDI_1_P/N
MDI_3_P/N
MDI_2_P/N
INTB
PHYRSTB
DVDD33
4.7K
PHY
SUPPORT
MODE: SGMII
RJ-45
RJ-45
1Gbps
100Mbps
1.1V
LX
AVDDL
DVDDL
AVDD33
0 ohm
0 ohm
#1
AR8033
Notes and Assumptions:
- MAC connected to Serdes lane B is the same MAC connected to the RGMII interface.
so RGMII and SGMII ( lane B) can not be use at a time.
- If the Serdes is configured for 2 SGMII interfaces, then the RGMII interface is unused
(tristated unless the pinmuxing control register is configured for functionality other than
EC1 RGMII).
TX_P/N
RX_P/N
HSIP/N
HSOP/N
EM1_MDC
EM1_MDIO
Transfo rmer
Voltage
Translator
1.8V 3.3V
DUT_PORST_B
Voltage
Translator
1.8V 2.5V
VVDIO_REG
VVDH_REG
2V5
Figure 2-5. SGMII PHY1
Ethernet controller
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
22
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com