Electronic Components Datasheet Search
  English  ▼

X  

LS1012A Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 25Page - NXP Semiconductors LS1012A Datasheet HTML 26Page - NXP Semiconductors LS1012A Datasheet HTML 27Page - NXP Semiconductors LS1012A Datasheet HTML 28Page - NXP Semiconductors LS1012A Datasheet HTML 29Page - NXP Semiconductors LS1012A Datasheet HTML 30Page - NXP Semiconductors LS1012A Datasheet HTML 31Page - NXP Semiconductors LS1012A Datasheet HTML 32Page - NXP Semiconductors LS1012A Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
LS1012A
SDHC1_DAT[0:3]
SDHC1_CMD
SDHC1_CD_B
SDHC1_DAT[0:3], SDHC1_CMD
SDHC1_CLK
SDHC1_CLK
EVDD
SDHC1_VSEL
*PORConfig-> cf g_pbi_dis
SDHC1_VSEL
* *Bootsat 3.3V, can
dynamically switch to
1.8V
Notes:
SDHC1:
- SDHC1 boots at 3.3V, can dynamically switch to 1.8V
controlled by SDHC1_VSEL.
- SD Card shall not support Write Protect Feature
*PORConfig-> cf g_t est _port_mux_sel
3V3
1V8
EVDD
FPF132
1UCX
Figure 2-10. SDHC1 interface
2.16 JTAG port
The FRWY-LS1012A consists of the LS1012A SoC and the K20 microcontroller, each
of which have dedicated debug connectors.
• J9 and J10 are used by external debuggers, such as CWTAP, DSTREAM to debug
LS1012A and K20 respectively.
NOTE
Ensure that the Pin number 1 of the JTAG cable is
connected to the Pin number 1 of the onboard connector,
J9.
• Apart from the JTAG connectors, the K20 MCU can be used as a CMSIS DAP on
the FRWY-LS1012A. The CMSIS DAP provides low speed debug functionality for
LS1012A.
2.16.1 CMSIS-DAP
Chapter 2 FRWY-LS1012A Functional Description
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
NXP Semiconductors
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com