Electronic Components Datasheet Search
  English  ▼

X  

LS1012A Datasheet(PDF) 31 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 27Page - NXP Semiconductors LS1012A Datasheet HTML 28Page - NXP Semiconductors LS1012A Datasheet HTML 29Page - NXP Semiconductors LS1012A Datasheet HTML 30Page - NXP Semiconductors LS1012A Datasheet HTML 31Page - NXP Semiconductors LS1012A Datasheet HTML 32Page - NXP Semiconductors LS1012A Datasheet HTML 33Page - NXP Semiconductors LS1012A Datasheet HTML 34Page - NXP Semiconductors LS1012A Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
2.18 Temperature
LS1012A has an on-die TMU module that can be used for temperature measurements.
LS1012A also has a thermal diode on the die, which allows direct temperature
measurement. The internal temperature monitor in LS1012A is used for reading the die
temperature, and trigger software interrupts upon thermal over-temperature conditions.
These temperature warnings and alarm signals are used by software running on LS1012A
to reduce the power dissipation and protect DUT from over-temperature failure.
2.19 Power-monitoring LEDs
The board includes LEDs, for power or reset monitoring, which inform the user about the
status of different power rails, resets, and board faults. The FRWY-LS1012A LEDs are
listed in the following table.
Table 2-13. FRWY-LS1012A connector LEDs
LED legend
Description (when LED is ON)
Reference
designator
LED color
USB VBUS ON
Indicates that USB 5 V power is available on the USB 3.0
Connector (J5)
D2
Green
SDA_LED
Indicates SDA (K20) is active
D1
Green
PORST
DUT is in reset (PORESET is asserted)
D3
Red
M.2 LED1
Status indicator for M.2 Type-E add-in card
D13
Green
Chapter 2 FRWY-LS1012A Functional Description
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
NXP Semiconductors
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com