Electronic Components Datasheet Search
  English  ▼

X  

LS1012A Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 10Page - NXP Semiconductors LS1012A Datasheet HTML 11Page - NXP Semiconductors LS1012A Datasheet HTML 12Page - NXP Semiconductors LS1012A Datasheet HTML 13Page - NXP Semiconductors LS1012A Datasheet HTML 14Page - NXP Semiconductors LS1012A Datasheet HTML 15Page - NXP Semiconductors LS1012A Datasheet HTML 16Page - NXP Semiconductors LS1012A Datasheet HTML 17Page - NXP Semiconductors LS1012A Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
LS1012A
XVDD
VDD=0.9V
OVDD
G1VDD=1.35V
XVDD=1.35
SVDD=0.9V
AVDD_PLAT, XOSC_OVDD
LPF
LPF
LPF
LPF
AVDD_SD1_PLL1
LPF
LPF
LPF
LPF
USB_SDVDD
LPF
LPF
USB_HVDD
LPF
LPF
DDR
CORE
SERDES
GEN I/O
USB
1V8
LPF
LPF
USB_SVDD
0.9V/1V
USB_xVDD
AVDD_SD1_PLL2
EVDD
LPF
LPF
LPF
LPF
Passive Low Pass filters
BLM18PG121SH1
47uF
4.7nF
10uF
47uF
4.7nF
4.7uF
0.33OHm
LPF
LPF
10uF 1uF
5OHm
LPF
LPF
BLM18PG121SH1
2.2uF 0.22
LPF
LPF
1.5uF
NFM 41PC155B1H3L
x2
4.7nF
22uF
0.22
LPF
LPF
Passive Low Pass filters
BLM18PG121SH1
47uF
4.7nF
10uF
47uF
4.7nF
4.7uF
0.33OHm
LPF
10uF 1uF
5OHm
LPF
BLM18PG121SH1
2.2uF 0.22
LPF
1.5uF
NFM 41PC155B1H3L
x2
4.7nF
22uF
0.22
LEGEND:
Switchable
Regulator
LDO Regulator
Power Switch
VDD
GVDD
VREFCA
PMIC_EN
VR5100
TA_PROG_SFP
1.89V/GND
To DDR3L
SVDD
VREF
0.9V/1V@6A
VDD
with PM Bus
Control
PMIC
SW2 (1.25A max)
GVDD=1.8V
SW1 (3.5A max)
VDD_Core =0.9V
SW3 (1.5A max)
VDD_Core =1.35V
LDO2 (0.250 max)
(1.5V)
LDO1 (0.1A max)
0V/1.89V
LDO4 (0.350A)
V33 (0.35A max)
LDO3 (0.1A) 1.8V
3.3V@9A
SEPIC
USB1 3.0
PORESET_B
5V
MAX8586
USB1_DRVVBUS
LPF
LPF
AVDD_CGA1
V18 (0.1A) 1.8V
VLDOIN1/2/34;PVIN1/2/3
PVIN18, VIN, VCCI2C
REFOUT (10mA)
GVDD/2
Power OR
(FET Based w/ priority)
VBST
Unused
VSNVS
Unused
TH_VDD
DC-DC
Regulator
MC34713
To QSPI and SGTL5000
To ETH PHYs
VBUS
DC Jack
3.3V
To M.2 Type E
NGFF slot
LPF
LPF
VSD (0.1A) 1.8V
2V5
3V3
1V8
SDHC_VSEL
FPF1321UCX
Figure 2-1. FRWY-LS1012A power supplies
2.2.1 Primary power supply
The FRWY-LS1012A is powered through the 5 V DC power adapter.
The total power required from the power adaptor depends on devices used by an
application.
Recommended power supply options:
1. Part number: GST25U05-P1J, Manufacturer: MEANWELL
https://www.mouser.com/ProductDetail/MEAN-WELL/GST25U05-P1J?qs=drgMNd
%252bkGPOZrVF%252b%252bRnYJg==
2. Part number: ATS024T-A050, Manufacturer: ADAPTER TECHNOLOGY CO
Power supplies
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
14
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com