Electronic Components Datasheet Search
  English  ▼

X  

LS1012A Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 14Page - NXP Semiconductors LS1012A Datasheet HTML 15Page - NXP Semiconductors LS1012A Datasheet HTML 16Page - NXP Semiconductors LS1012A Datasheet HTML 17Page - NXP Semiconductors LS1012A Datasheet HTML 18Page - NXP Semiconductors LS1012A Datasheet HTML 19Page - NXP Semiconductors LS1012A Datasheet HTML 20Page - NXP Semiconductors LS1012A Datasheet HTML 21Page - NXP Semiconductors LS1012A Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
DUT_TCK
DUT_TMS
DUT_TDI
DUT_PORST_B
DUT_TRST
DUT_TDO
JTAG
(CoreSight 10)
DUT_TJTAG_EN
DUT_PORESET
SDA_TCK
SDA_TMS
SDA_TDI
SDA_TRST
SDA_TDO
JTAG
JTAG
(CoreSight 10)
1V8
GPIO
Delay
SDHC1_CD_B/
PWR_OK
UART1
JTAG
UART
POWER_OK
Ethernet
SGMII PHYs
Voltage
Translator
1.8V
3.3V
DUT_PORST_B
Figure 2-3. FRWY-LS1012A reset architecture
Table 2-4 summarizes the reset activity.
Table 2-4. Reset activity
Reset Source
Reset Reason
Actions taken
Power ON
Initialization after a
power cycle.
All the onboard devices are reset after a power cycle. PLL
and clock circuitry initialize to the default configuration.
SW1
Reset switch
Resets LS1012A and other board peripherals. Enables the
BOOTLOADER mode on the K20 CMSISDAP.
Debugger reset (J9 and K20)
Reset from JTAG
debugger
No power cycle. All devices are reset.
RESET_REQ_B
Reset request from
LS1012A
All devices are reset. No power cycle.
The reset is asserted for about 240 ms after all power supplies are stable to meet the
LS1012A 100 ms reset specification. Power failure after system operation also asserts the
reset to all the devices on the board. The FRWY-LS1012A supports options to change the
PORCFG through the resistor mount option. Mount the resistors to drive the
corresponding PORCFG as low in Table 2-5.
Table 2-5. Configuration signals
Configuration signal
Nets sampled
Components on board
Default state
CFG_RCW_SRC1
CLK_OUT
R50
DNP
Reset and configuration signals
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
18
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com