Electronic Components Datasheet Search
  English  ▼

X  

LS1012A Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LS1012A
Description  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 15Page - NXP Semiconductors LS1012A Datasheet HTML 16Page - NXP Semiconductors LS1012A Datasheet HTML 17Page - NXP Semiconductors LS1012A Datasheet HTML 18Page - NXP Semiconductors LS1012A Datasheet HTML 19Page - NXP Semiconductors LS1012A Datasheet HTML 20Page - NXP Semiconductors LS1012A Datasheet HTML 21Page - NXP Semiconductors LS1012A Datasheet HTML 22Page - NXP Semiconductors LS1012A Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
2.4 Clocks
The architecture of the FRWY-LS1012A clocks is shown in the following figure.
LS1012A
EXTAL
ETH SGMII
PHY
AR8033
ETH SGMII
PHY
AR8033
8 MHz
Crystal
K20
Audio
SGTL5000
25MHz
SPI to UART
Bridge
SC16IS740IPW
XO
24MHz
24MHz
25MHz
XO
25MHz
M.2 Type-E
NGFF
Connector
100MHz
XO
25MHz
25MHz
100MHz
SD1_REF_CLK1_N
SD1_REF_CLK1_P
PCIe Gen Clock
Buffer 2-OUT
Si52112-B3
Figure 2-4. Clock architecture
The following table summarizes the FRWY-LS1012A clock distribution.
Table 2-6. FRWY-LS1012A clocks
Clock
Frequency
Destination
Device
EXTAL (Bypass mode)
25 MHz
Input clock for SoC
Oscillator
SD1_REF_CLK1_P/N
100 MHz
Reference clock for
LS1012A SerDes controller
25 MHz crystal clock and PCIe clock
generator, Si52112-B3:
• 2 output PCIe Gen1 Clock Generator
• Low power consumption
• Phase jitter - 1.4 ps
• Skew outputs - 60 ps
• Output clock frequency (min/max) -
100 MHz
PEXM2_REFCLK_P/N
100 MHz
Reference clock for NGFF
Slot
ETH1_XTALIN,
ETH1_XTALOUT
25 MHz
Crystal clock for the SGMII
PHY1
Crystal
Table continues on the next page...
Chapter 2 FRWY-LS1012A Functional Description
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
NXP Semiconductors
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com