Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 37Page - Infineon Technologies AG XC2000 Datasheet HTML 38Page - Infineon Technologies AG XC2000 Datasheet HTML 39Page - Infineon Technologies AG XC2000 Datasheet HTML 40Page - Infineon Technologies AG XC2000 Datasheet HTML 41Page - Infineon Technologies AG XC2000 Datasheet HTML 42Page - Infineon Technologies AG XC2000 Datasheet HTML 43Page - Infineon Technologies AG XC2000 Datasheet HTML 44Page - Infineon Technologies AG XC2000 Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Functional Description
Preliminary
Data Sheet
39
V0.91, 2007-02
Draft Version
3.3
Central Processing Unit (CPU)
The main core of the CPU consists of a 5-stage execution pipeline with a 2-stage
instruction-fetch pipeline, a 16-bit arithmetic and logic unit (ALU), a 32-bit/40-bit multiply
and accumulate unit (MAC), a register-file providing three register banks, and dedicated
SFRs. The ALU features a multiply and divide unit, a bit-mask generator, and a barrel
shifter.
Figure 4
CPU Block Diagram
DPRAM
CPU
IPIP
RF
R0
R1
GPRs
R14
R15
R0
R1
GPRs
R14
R15
IFU
Injection/
Exception
Handler
ADU
MAC
mca04917_x.vsd
CPUCON1
CPUCON2
CSP
IP
Return
Stack
FIFO
Branch
Unit
Prefetch
Unit
VECSEG
TFR
+/-
IDX0
IDX1
QX0
QX1
QR0
QR1
DPP0
DPP1
DPP2
DPP3
SPSEG
SP
STKOV
STKUN
+/-
MRW
MCW
MSW
MAL
+/-
MAH
Multiply
Unit
ALU
Division Unit
Multiply Unit
Bit-Mask-Gen.
Barrel-Shifter
+/-
MDC
PSW
MDH
ZEROS
MDL
ONES
R0
R1
GPRs
R14
R15
CP
WB
Buffer
2-Stage
Prefetch
Pipeline
5-Stage
Pipeline
R0
R1
GPRs
R14
R15
PMU
DMU
DSRAM
EBC
Peripherals
PSRAM
Flash/ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com