Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 87 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 87 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 83Page - Infineon Technologies AG XC2000 Datasheet HTML 84Page - Infineon Technologies AG XC2000 Datasheet HTML 85Page - Infineon Technologies AG XC2000 Datasheet HTML 86Page - Infineon Technologies AG XC2000 Datasheet HTML 87Page - Infineon Technologies AG XC2000 Datasheet HTML 88Page - Infineon Technologies AG XC2000 Datasheet HTML 89Page - Infineon Technologies AG XC2000 Datasheet HTML 90Page - Infineon Technologies AG XC2000 Datasheet HTML 91Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Electrical Parameters
Preliminary
Data Sheet
85
V0.91, 2007-02
Draft Version
Figure 14
Equivalent Circuitry for Analog Inputs
4) This parameter includes the sample time (also the additional sample time specified by STC), the time for
determining the digital result and the time to load the result register with the conversion result.
Values for the basic clock
t
ADCI depend on programming and can be taken from Table 16.
5) Not subject to production test - verified by design/characterization.
The given parameter values cover the complete operating range. Under relaxed operating conditions
(temperature, supply voltage) reduced values can be used for calculations. At room temperature and nominal
supply voltage the following typical values can be used:
C
AINTtyp = 12 pF, CAINStyp = 5 pF, RAINtyp = 1.0 kΩ, CAREFTtyp = 15 pF, CAREFStyp = 10 pF, RAREFtyp = 1.0 kΩ.
A/D Converter
MCS05570
R
Source
V
AIN
C
Ext
C
AINT
C
AINS
-
R
AIN, On
C
AINS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com